| Electronic Components Datasheet Search |
|
AM29LV640MB120RPCF Datasheet(PDF) 37 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV640MB120RPCF Datasheet(HTML) 37 Page - Advanced Micro Devices |
|
37 / 66 page ![]() February 1, 2007 26190C8 Am29LV640MT/B 35 D A TA SH EET Erase Suspend/Erase Resume Commands The Erase Suspend command, B0h, allows the sys- tem to interrupt a sector erase operation and then read data from, or program data to, any sector not selected for erasure. This command is valid only during the sec- tor erase operation, including the 50 µs time-out pe- riod during the sector erase command sequence. The Erase Suspend command is ignored if written during the chip erase operation or Embedded Program algorithm. When the Erase Suspend command is written during the sector erase operation, the device requires a typi- cal of 5 µs (maximum of 20 µs) to suspend the erase operation. However, when the Erase Suspend com- mand is written during the sector erase time-out, the device immediately terminates the time-out period and suspends the erase operation. After the erase operation has been suspended, the device enters the erase-suspend-read mode. The sys- tem can read data from or program data to any sector not selected for erasure. (The device “erase sus- pends” all sectors selected for erasure.) Reading at any address within erase-suspended sectors pro- duces status information on DQ7–DQ0. The system can use DQ7, or DQ6 and DQ2 together, to determine if a sector is actively erasing or is erase-suspended. See Write Operation Status on page 38 for information on these status bits. After an erase-suspended program operation is com- plete, the device returns to the erase-suspend-read mode. The system can determine the status of the program operation using the DQ7 or DQ6 status bits, just as in the standard word program operation. See Write Operation Status on page 38 for more informa- tion. In the erase-suspend-read mode, the system can also issue the autoselect command sequence. See Autose- lect Mode on page 19 and Autoselect Command Se- quence on page 28 for details. To resume the sector erase operation, the system must write the Erase Resume command. Fur ther writes of the Resume command are ignored. Another Erase Suspend command can be written after the chip has resumed erasing. Note: During an erase operation, this flash device per- forms multiple internal operations which are invisible to the system. When an erase operation is suspended, any of the internal operations that were not fully com- pleted must be restarted. As such, if this flash device is continually issued suspend/resume commands in rapid succession, erase progress is impeded as a function of the number of suspends. The result is a longer cumulative erase time than without suspends. Note that the additional suspends do not affect device reliability or future performance. In most systems rapid erase/suspend activity occurs only briefly. In such cases, erase performance is not significantly im- pacted. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |