Electronic Components Datasheet Search
  English  ▼

X  

EUV-150S048ST Datasheet(PDF) 2 Page - Inventronics Inc.

Part # EUV-150S048ST
Description  150W Constant Voltage IP67 Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUV-150S048ST Datasheet(HTML) 2 Page - Inventronics Inc.

  EUV-150S048ST Datasheet HTML 1Page - Inventronics Inc. EUV-150S048ST Datasheet HTML 2Page - Inventronics Inc. EUV-150S048ST Datasheet HTML 3Page - Inventronics Inc. EUV-150S048ST Datasheet HTML 4Page - Inventronics Inc. EUV-150S048ST Datasheet HTML 5Page - Inventronics Inc. EUV-150S048ST Datasheet HTML 6Page - Inventronics Inc. EUV-150S048ST Datasheet HTML 7Page - Inventronics Inc. EUV-150S048ST Datasheet HTML 8Page - Inventronics Inc. EUV-150S048ST Datasheet HTML 9Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 / 9
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
150W Constant Voltage IP67 Driver
EUV-150SxxxST
Rev. T
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Input Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Input AC Current
-
-
1.93 A
Measured at 100% load and 100 Vac input.
-
-
0.85 A
Measured at 100% load and 220 Vac input
Inrush Current(I2t)
-
-
1.5 A2s
At 220Vac input, 25℃ cold start, duration=1.2 ms,
10%Ipk-10%Ipk.
PF
0.90
-
-
At 100-277Vac, 50-60Hz, 100% Load
THD
-
-
20%
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Voltage Tolerance
-2.5%
-
2.5%
EUV-150S042ST. At 100% load condition.
-5%
-
5%
Others. At 100% load condition.
Ripple and Noise (pk-pk)
-
-
2% VO
Measured by 20 MHz bandwidth oscilloscope
and the output paralleled a 0.1 uF ceramic
capacitor and a 10 uF electrolytic capacitor.
Output Overshoot /
Undershoot
-
-
10%
When power on or off.
Line Regulation
-
-
±
1%
At 100% load condition.
Load Regulation
-
-
±
2%
Turn-on Delay Time
-
0.9 s
1.5 s
Measured at 110Vac input, 100% Load
-
0.5 s
1.0 s
Measured at 220Vac input, 100% Load
Load
Dynamic
Response
Output
Deviation
-
-
5% VO
R/S: 1 A/ uS
Load: 25% ~ 75% 100% load.
Settling Time
-
-
10 mS
Temperature coefficient
-
0.03%/
C
-
Case temperature = 0
C ~Tc max
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 110 Vac input:
VO = 12 V
VO = 24 V
VO = 36 V
VO = 42 V
VO = 48 V
VO = 54 V
88%
89%
89%
89%
89%
89%
89%
90%
90%
90%
90%
90%
-
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 1.0% lower if measured
immediately after startup.)
Efficiency at 220 Vac input:
VO = 12 V
VO = 24 V
VO = 36 V
VO = 48 V
VO = 42 V
VO = 54 V
91%
92%
92%
92%
92%
92%
92%
93%
93%
93%
93%
93%
-
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 1.0% lower if measured
immediately after startup.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com