Electronic Components Datasheet Search
  English  ▼

X  

EUW-150D320DX Datasheet(PDF) 4 Page - Inventronics Inc.

Part # EUW-150D320DX
Description  150W Programmable IP66 /IP67 Tunable White Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUW-150D320DX Datasheet(HTML) 4 Page - Inventronics Inc.

  EUW-150D320DX Datasheet HTML 1Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 2Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 3Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 4Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 5Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 6Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 7Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 8Page - Inventronics Inc. EUW-150D320DX Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4 / 19
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
150W Programmable IP66/IP67 Tunable White Driver
EUW-150DxxxDx
Rev.C
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
General Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Operating Case Temperature
for Safety Tc_s
-40°C
-
+90°C
Operating Case Temperature
for Warranty Tc_w
-40°C
-
+80
C
Case temperature for 5 years warranty
Humidity: 10%RH to 95%RH
Storage Temperature
-40°C
-
+85°C
Humidity: 5%RH to 95%RH
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
7.09 × 2.52 × 1.44
180 × 64 × 36.5
With mounting ear
7.76 × 2.52 × 1.44
197 × 64 × 36.5
Net Weight
-
830 g
-
Dimming Specifications
Parameter
Min.
Typ.
Max.
Notes
Absolute Maximum Voltage on
the Vdim (+) Pin
-20 V
-
20 V
Source Current on Vdim
(+)Pin
117 uA
130 uA
143 uA
Vdim(+) = 0 V,
Dimming
Output
Range
EUW-150D140Dx
EUW-150D320Dx
1%Ioset
-
Ioset
1050 mA ≤ Ioset ≤ 1400 mA
2800 mA ≤ Ioset ≤ 3200 mA
EUW-150D140Dx
EUW-150D320Dx
10.5 mA
28 mA
-
Ioset
Ioset
10.5 mA ≤ Ioset < 1050 mA
28 mA ≤ Ioset < 2800 mA
Recommended Dimming
Range for 1-5V
0.25 V
-
4.75 V
Dimming mode set to 1-5V in Inventronics
Programing Software.
CCT Range for 0-5V
0
-
5
CCT:I1 off Voltage
4.35
4.5
4.65
CCT:I1 on Voltage
4.15
4.3
4.45
CCT:I2 off Voltage
0.35
0.5
0.65
CCT:I2 on Voltage
0.55
0.7
0.85
Dim+: Skip to 100% Iomax
Voltage
11.0
11.1
11.2
Dimming mode set to 1-10V negative logic
in Inventronics Programing Software.
Dim+: Skip to 10% Iomax
Voltage
10.8
10.9
11.0
Recommended Dimming
Range for 1-10V
1 V
-
9 V
Default 1-10V dimming mode with positive
logic.
CCT Range for 0-10V
0
-
9V
CCT:I1 off Voltage
8.35
8.5
8.65
CCT:I1 on Voltage
8.15
8.3
8.45
CCT:I2 off Voltage
0.35
0.5
0.65
CCT:I2 on Voltage
0.55
0.7
0.85
PWM_in High Level
-
-
10V
PWM_in Low Level
-
0V
-
PWM_in Frequency Range
200 Hz
-
2 KHz
PWM_in Duty Cycle
0%
-
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com