Electronic Components Datasheet Search
  English  ▼

X  

LUC-024S035DSP Datasheet(PDF) 7 Page - Inventronics Inc.

Part # LUC-024S035DSP
Description  24W Constant Current IP20 Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LUC-024S035DSP Datasheet(HTML) 7 Page - Inventronics Inc.

Back Button LUC-024S035DSP Datasheet HTML 3Page - Inventronics Inc. LUC-024S035DSP Datasheet HTML 4Page - Inventronics Inc. LUC-024S035DSP Datasheet HTML 5Page - Inventronics Inc. LUC-024S035DSP Datasheet HTML 6Page - Inventronics Inc. LUC-024S035DSP Datasheet HTML 7Page - Inventronics Inc. LUC-024S035DSP Datasheet HTML 8Page - Inventronics Inc. LUC-024S035DSP Datasheet HTML 9Page - Inventronics Inc. LUC-024S035DSP Datasheet HTML 10Page - Inventronics Inc. LUC-024S035DSP Datasheet HTML 11Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 / 11
Specifications are subject to changes without notice.
All specifications are typical at 25°C unless otherwise stated.
24W Constant Current IP20 Driver
LUC-024SxxxDSP(SSP)
Rev. J
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Dimming
 0-10V Dimming
The recommended implementation of the dimming control is provided below
Dim+
Dimmer
L
N
Inventronics
LED Driver
Vaux
Vac
Dim-
V-
V+
Implementation 1: DC Input
Notes:
1. Do NOT connect Dim− to the output V− or V+, otherwise the driver will not work properly.
2. The dimmer can also be replaced by an active 0-10V voltage source signal or passive components like zener.
Mechanical Outline
LUC-024SxxxDSP
AC/L(BLACK)
AC/N(WHITE)
OUTPUT (UL1015 22 AWG )
INPUT (UL1015 18AWG )
DIMMING WIRE(UL1015 22 AWG )
V+(RED)
V-(BLACK)
YELLOW
PINK
PURPLE
Tc
PROJ:
Unspecified tolerance:±1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com