Electronic Components Datasheet Search
  English  ▼

X  

LUC-024S070DSP Datasheet(PDF) 4 Page - Inventronics Inc.

Part # LUC-024S070DSP
Description  24W Constant Current IP20 Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LUC-024S070DSP Datasheet(HTML) 4 Page - Inventronics Inc.

  LUC-024S070DSP Datasheet HTML 1Page - Inventronics Inc. LUC-024S070DSP Datasheet HTML 2Page - Inventronics Inc. LUC-024S070DSP Datasheet HTML 3Page - Inventronics Inc. LUC-024S070DSP Datasheet HTML 4Page - Inventronics Inc. LUC-024S070DSP Datasheet HTML 5Page - Inventronics Inc. LUC-024S070DSP Datasheet HTML 6Page - Inventronics Inc. LUC-024S070DSP Datasheet HTML 7Page - Inventronics Inc. LUC-024S070DSP Datasheet HTML 8Page - Inventronics Inc. LUC-024S070DSP Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 / 11
Specifications are subject to changes without notice.
All specifications are typical at 25°C unless otherwise stated.
24W Constant Current IP20 Driver
LUC-024SxxxDSP(SSP)
Rev. J
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Safety & EMC Compliance (Continued)
Safety Category
Standard
KS
KS C 7655
EMI Standards
Notes
EN IEC 5015(1)
Conducted Emission Test & Radiated Emission Test
EN IEC 61000-3-2
Harmonic Current Emissions Class C
EN 61000-3-3
Voltage Fluctuations & Flicker
FCC Part 15(1)
ANSI C63.4 Class B
This device complies with Part 15 of the FCC Rules. Operation is subject to the following
two conditions: [1] this device may not cause harmful interference, and [2] this device
must accept any interference received, including interference that may cause undesired
operation.
EMS Standards
Notes
EN 61000-4-2
Electrostatic Discharge (ESD):8 kV air discharge, 4kV contact discharge
EN 61000-4-3
Radio-Frequency Electromagnetic Field Susceptibility Test-RS
EN 61000-4-4
Electrical Fast Transient / Burst-EFT
EN 61000-4-5
Surge Immunity Test: AC Power Line: Differential Mode 1 kV
EN 61000-4-6
Conducted Radio Frequency Disturbances Test-CS
EN 61000-4-8
Power Frequency Magnetic Field Test
EN 61000-4-11
Voltage Dips
EN 61547
Electromagnetic Immunity Requirements Applies to Lighting Equipment
Note: (1) This LED driver meets the EMI specifications above, but EMI performance of a luminaire that contains it
depends also on the other devices connected to the driver and on the fixture itself.
Lifetime vs. Case Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com