Electronic Components Datasheet Search
  English  ▼

X  

B3677 Datasheet(PDF) 3 Page - EPCOS

Part # B3677
Description  Low-Loss Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3677 Datasheet(HTML) 3 Page - EPCOS

  B3677 Datasheet HTML 1Page - EPCOS B3677 Datasheet HTML 2Page - EPCOS B3677 Datasheet HTML 3Page - EPCOS B3677 Datasheet HTML 4Page - EPCOS B3677 Datasheet HTML 5Page - EPCOS B3677 Datasheet HTML 6Page - EPCOS B3677 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Feb 07, 2001
SAW Components
B3677
374,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
TA = -10 ... 80 ˚C
Terminating source impedance:
ZS = 50 Ω unbalanced and matching network
Terminating load impedance:
ZL = 50 Ω unbalanced and matching network
min.
typ.
max.
Nominal frequency
fN
—
374,00
—
MHz
Minimum insertion attenuation
α
min
—
8,5
10,0
dB
(including matching network)
Bandwidth
α
rel ≤ 3 dB
B3dB
17
22
—
MHz
Amplitude ripple (p-p)
fN ± 7 MHz
∆α
—
0,5
1
dB
Group delay ripple (p-p)
fN ± 7 MHz
∆τ
—
40
100
ns
Triple transit suppression
30
40
—
dB
Relative attenuation (relative to
α
min)
α
rel
fN − 16,5 MHz ... fN − 22 MHz
30
42
—
dB
fN − 22 MHz ... fN − 33 MHz
40
45
—
dB
fN − 33 MHz ... fN − 150 MHz
48
52
—
dB
fN + 16,5 MHz ... fN + 18 MHz
20
38
—
dB
fN + 18 MHz ... fN + 22 MHz
30
42
—
dB
fN + 22 MHz ... fN + 48 MHz
38
44
—
dB
fN + 48 MHz ... fN + 80 MHz
40
45
—
dB
fN + 80 MHz ... fN + 150 MHz
48
55
—
dB
Adjacent channel suppression
average attenuation relative to
α
min
α
rel
fN − 16,5 ... fN − 33,5 MHz
40
64
—
dB
fN + 16,5 ... fN + 33,5 MHz
40
56
—
dB
Temperature coefficient of frequency
TCf
—
– 87
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com