Electronic Components Datasheet Search
  English  ▼

X  

B7716 Datasheet(PDF) 4 Page - EPCOS

Part # B7716
Description  Low-Loss Filter for Mobile Communication
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7716 Datasheet(HTML) 4 Page - EPCOS

  B7716 Datasheet HTML 1Page - EPCOS B7716 Datasheet HTML 2Page - EPCOS B7716 Datasheet HTML 3Page - EPCOS B7716 Datasheet HTML 4Page - EPCOS B7716 Datasheet HTML 5Page - EPCOS B7716 Datasheet HTML 6Page - EPCOS B7716 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Jan 19, 2005
SAW Components
B7716
1842,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating Temperature Range:
T
= -10 to +80˚C
Terminating source impedance:
ZS = 50Ω (unbalanced)
Terminating load impedance:
ZL = 200Ω (balanced) || 18nH
min.
typ.
max.
Center frequency
fC
—
1842,5
—
MHz
Maximum insertion attenuation
α
max
1805,0
... 1880,0
MHz
—
3,2
3,5
dB
Amplitude ripple (p-p)
∆α
1805,0
... 1880,0
MHz
—
1,3
1,6
dB
Input VSWR
1805,0
... 1880,0
MHz
—
2,4
2,6
Output VSWR
1805,0
... 1880,0
MHz
—
2,4
2,6
Output phase balance (
φ(S31)−φ(S21)+180˚)
1805,0
... 1880,0
MHz
-12
—
+12
degree
Output amplitude balance
(|S31/S21|)
1805,0
... 1880,0
MHz
-1,4
—
1,4
dB
Attenuation
α
0,0
... 1200,0
MHz
40
47
—
dB
1200,0
... 1705,0
MHz
30
36
—
dB
1705,0
... 1785,0
MHz
10
15
—
dB
1920,0
... 1980,0
MHz
10
20
—
dB
1980,0
... 2200,0
MHz
20
22
—
dB
2200,0
... 3000,0
MHz
30
38
—
dB
3000,0
... 6000,0
MHz
40
48
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com