Electronic Components Datasheet Search
  English  ▼

X  

B9020 Datasheet(PDF) 4 Page - EPCOS

Part # B9020
Description  Low-Loss Filter for Mobile Communication
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9020 Datasheet(HTML) 4 Page - EPCOS

  B9020 Datasheet HTML 1Page - EPCOS B9020 Datasheet HTML 2Page - EPCOS B9020 Datasheet HTML 3Page - EPCOS B9020 Datasheet HTML 4Page - EPCOS B9020 Datasheet HTML 5Page - EPCOS B9020 Datasheet HTML 6Page - EPCOS B9020 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Nov 16, 2004
SAW Components
B9020
1960,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating Temperature Range:
T
= -10 to +80˚C
Terminating source impedance:
ZS = 50Ω (unbalanced)
Terminating load impedance:
ZL = 150Ω || 56nH
min.
typ.
max.
Center frequency
fC
—
1960,0
—
MHz
Maximum insertion attenuation
α
max
1930,0
... 1990,0
MHz
—
2,3
2,6
dB
Amplitude ripple (p-p)
∆α
1930,0
... 1990,0
MHz
—
1,1
1,6
dB
Input VSWR
1930,0
...1990,0
MHz
—
1,9
2,1
Output VSWR
1930,0
...1990,0
MHz
—
1,9
2,1
Output phase balance (
φ(S31)−φ(S21)+180˚)
1930,0
... 1990,0
MHz
-4
—
5
˚
Output amplitude balance
(|S31/S21|)
1930,0
... 1990,0
MHz
-1,0
—
1,5
dB
Differential to common mode suppression
Ssc12
1930,0
... 1990,0
MHz
22,0
26,0
—
dB
Attenuation
α
DC
... 1510,0
MHz
40
43
—
dB
1510,0
... 1830,0
MHz
30
35
—
dB
1830,0
... 1850,0
MHz
28
30
—
dB
1850,0
... 1890,0
MHz
23
30
—
dB
1890,0
... 1910,0
MHz
13
14
—
dB
2010,0
... 2070,0
MHz
13
15
—
dB
2070,0
... 2400,0
MHz
23
25
—
dB
2400,0
... 2500,0
MHz
35
42
—
dB
2500,0
... 3860,0
MHz
28
34
—
dB
3860,0
... 3980,0
MHz
45
52
—
dB
3980,0
... 6000,0
MHz
40
52
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com