Electronic Components Datasheet Search
  English  ▼

X  

B9411 Datasheet(PDF) 1 Page - EPCOS

Part # B9411
Description  Low-Loss Filter for Mobile Communication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9411 Datasheet(HTML) 1 Page - EPCOS

  B9411 Datasheet HTML 1Page - EPCOS B9411 Datasheet HTML 2Page - EPCOS B9411 Datasheet HTML 3Page - EPCOS B9411 Datasheet HTML 4Page - EPCOS B9411 Datasheet HTML 5Page - EPCOS B9411 Datasheet HTML 6Page - EPCOS B9411 Datasheet HTML 7Page - EPCOS B9411 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© EPCOS AG 2005. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SAW Components
SAW Rx Filter
WCDMA Band I
Series/Type:
Ordering code:
B9411
Date:
Version:
December 19, 2005
1.0


Similar Part No. - B9411

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
B941 PANASONIC-B941 Datasheet
47Kb / 2P
Silicon PNP epitaxial planar type(For low-frequency power amplification)
logo
EPCOS
B9410 EPCOS-B9410 Datasheet
102Kb / 8P
SAW filter 2441.75 MHz
B9410 EPCOS-B9410 Datasheet
80Kb / 8P
SAW filter for mobile communications
B9410 EPCOS-B9410_1 Datasheet
80Kb / 8P
SAW filter for mobile communications
B9412 EPCOS-B9412 Datasheet
76Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 2140.0 MHz
More results

Similar Description - B9411

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4126 ETC-B4126 Datasheet
49Kb / 4P
Low Loss Filter for Mobile Communication
logo
EPCOS
B4133 EPCOS-B4133 Datasheet
70Kb / 6P
Low-Loss Filter for Mobile Communication
B4166 EPCOS-B4166 Datasheet
77Kb / 7P
Low-Loss Filter for Mobile Communication
B9015 EPCOS-B9015 Datasheet
72Kb / 6P
Low-Loss Filter for Mobile Communication
B4847 EPCOS-B4847 Datasheet
86Kb / 7P
Low-Loss Filter for Mobile Communication
B4127 EPCOS-B4127 Datasheet
68Kb / 7P
Low-Loss Filter for Mobile Communication
B7822 EPCOS-B7822 Datasheet
61Kb / 7P
Low-Loss Filter for Mobile Communication
B7844 EPCOS-B7844 Datasheet
90Kb / 6P
Low-Loss Filter for Mobile Communication
B9031 EPCOS-B9031 Datasheet
72Kb / 7P
Low-Loss Filter for Mobile Communication
B7834 EPCOS-B7834 Datasheet
67Kb / 6P
Low-Loss Filter for Mobile Communication
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com