Electronic Components Datasheet Search
  English  ▼

X  

7LHPC Datasheet(PDF) 1 Page - KELLER Druckmesstechnik AG

Part # 7LHPC
Description  Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KELLER [KELLER Druckmesstechnik AG]
Direct Link  https://keller-druck.com/en/
Logo KELLER - KELLER Druckmesstechnik AG

7LHPC Datasheet(HTML) 1 Page - KELLER Druckmesstechnik AG

  7LHPC Datasheet HTML 1Page - KELLER Druckmesstechnik AG 7LHPC Datasheet HTML 2Page - KELLER Druckmesstechnik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Edition 11/2015
Subject to alterations
info@keller-druck.com
Find your local KELLER contact keller-pressure.com
Page 1 of 2
Piezoresistive OEM Pressure Transmitters
-40…150 °C, with embedded signal conditioning
Series 4LC…9LC
The Series 4LC…9LC family of miniature OEM pressure transmitters combines a piezoresistive
pressure sensor with -40…150 °C-capable signal conditioning in one compact, easy-to-integrate
package.
Technology
The «LC» line of miniature pressure transmitters leverages KELLER’s extensive background
in high-stability piezoresistive pressure sensors and innovative digital signal processing. Now,
both pressure sensor and signal processor are integrated into a miniature, hermetically-sealed
housing no larger than was once required for the sensor only!
The name given to this new technology is Chip-In-Oil (CIO). CIO means not only that the entire
pressure transmitter is embedded within a hermetically-sealed, oil-filled housing, but that this
transmitter can then be seamlessly integrated into the OEM product, achieving cost savings and
system performance not possible with other, conventional technologies.
Interfaces
The ratiometric analog output simplifies the integrators task by providing a signal output wherein
the output is ratiometric to the supply, thereby eliminating the need to incorporate an expensive,
absolute reference. Providing an 0,5…4,5 VDC output from a 5 VDC supply, the LC-transmitter
is inherently protected against overvoltage and reverse polarity up to ±33 VDC and provides
noise immunity by a factor of 10X relative to the latest standards regarding emitted and
conducted EMI.
Performance features
• Hermetically protected sensor electronics - extremely resistant to environmental influences
• Operating temperature up to 150 °C
• Ultra-compact, robust housing made from stainless steel (optionally Hastelloy C-276)
• No external electronics for compensation or signal processing
• Extremely accurate, outstanding long-term stability, no hysteresis
• Pressure ranges of 1 bar to 1000 bar
• Extremely easy to integrate in overall systems
• Two-chip solution with pressure sensor and signal processing separation provides a high
degree of flexibility.
4LC
8LC
9FLC
7LC
9LC
6LHPC / 7LHPC
(High Pressure)
Connection
4LC / ø 11
4,2
5
8
8
GND
OUT
Supply
9
9
5
5
7
1
0,5
0,5
0,5
7LC / ø 15
8LC / ø 17
9LC / ø 19
ø 5,08
9FLC / ø 17 / ø 21
6LHPC / ø 13
7LHPC / ø 15
Generally applies:
No force must be applied to the pins!
3
3
3
3
3


Similar Description - 7LHPC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3021 ETC1-3021 Datasheet
143Kb / 4P
OEM Accelerometer Piezoresistive Low Cost
8534A ETC2-8534A Datasheet
85Kb / 2P
Piezoresistive Pressure Transducer
logo
Sensortechnics GmbH
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
Pressure transmitters
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
OEM pressure transmitters for industrial media
CTEM9350GD0 SENSORTECHNICS-CTEM9350GD0 Datasheet
216Kb / 6P
OEM pressure transmitters for industrial media
KTE3001GQ0 SENSORTECHNICS-KTE3001GQ0 Datasheet
92Kb / 6P
OEM pressure transmitters for industrial media
KTE6001GL0 SENSORTECHNICS-KTE6001GL0 Datasheet
122Kb / 6P
OEM pressure transmitters for industrial media
logo
Texas Instruments
TPIC83000-Q1 TI-TPIC83000-Q1 Datasheet
330Kb / 44P
PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
logo
Analog Devices
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
150/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. B
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
Piezoresistive Silicon Pressure Sensor
Rev A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com