Electronic Components Datasheet Search
  English  ▼

X  

SS12 Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SS12
Description  20V-200V 1A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SS12 Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SS12 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SS12 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SS12 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ORDERING INFORMATION
www.umw-ic.com
3
友台半导体有限公司
UMW SS12 THRU SS120
20V-200V 1A
UMW
R
R
Order Code
Package
Baseqty
Deliverymode
UMW SS12
SMA
2000
Tape and reel
UMW SS13
SMA
2000
Tape and reel
UMW SS14
SMA
2000
Tape and reel
UMW SS15
SMA
2000
Tape and reel
UMW SS16
SMA
2000
Tape and reel
UMW SS18
SMA
2000
Tape and reel
UMW SS110
SMA
2000
Tape and reel
UMW SS115
SMA
2000
Tape and reel
UMW SS120
SMA
2000
Tape and reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com