Electronic Components Datasheet Search
  English  ▼

X  

SS22F Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SS22F
Description  20V-200V 2A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SS22F Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SS22F Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SS22F Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SS22F Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum DC Blocking Voltage
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Maximum Average Forward Rectified Current
Typical Junction Capacitance
20
40
V
14
28
V
V
2.0
-55 ~ +150
A
A
V
m
A
pF
°C
Units
Absolute Maximum Ratings and Electrical characteristics
Ratings at
ambient temperature unless otherwise specified.Single phase, half wave, 60Hz resistive or inductive load,
for capacitive load, derate by 20 %
25
°C
20
40
Peak Forward Surge Current,8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
Max Instantaneous Forward Voltage at 2 A
Maximum DC Reverse Current
at Rated DC Reverse Voltage
Operating Junction Temperature Range
SS22F
SS24F
SS26F
SS28F
SS210F
SS212F
SS215F
SS220F
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
Cj
Tj
Symbols
Tstg
Storage Temperature Range
60
42
60
80
56
80
100
100
0.55
0.70
0.85
160
-55 ~ +150
°C
120
120
150
105
150
200
140
200
0.95
80
40
50
70
84
Features
Metal silicon junction, majority carrier conduction
For surface mounted applications
Low power loss, high efficiency
High forward surge current capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
MECHANICAL DATA
• Case: SMAF
• Terminals: Solderable per MIL-STD-750, Method 2026
•
27mg / 0.00095oz
Approx. Weight:
0.5
5
T = 25
°C
a
T =100
°C
a
IR
0.3
3
80
Typical Thermal Resistance
°
C/W
RθJA
UMW SS22F THRU SS220F
(1)
(2)
Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)
(1)
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
•
•
•
•
•
•
20V-200V 2A
UMW
R
R
www.umw-ic.com
1
友台半导体有限公司
友台半导体有限公司


Similar Part No. - SS22F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS22F ETC2-SS22F Datasheet
526Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS22F CHENDA-SS22F Datasheet
628Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS22F YFWDIODE-SS22F Datasheet
160Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Microdiode Semiconducto...
SS22F CHENDA-SS22F Datasheet
812Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS22F DGNJDZ-SS22F Datasheet
120Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS22F

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S2VB20 SHINDENGEN-S2VB20 Datasheet
259Kb / 5P
Bridge Diode(200V 2A)
logo
Frontier Electronics.
FM220-S-THRU-FM2200-S FRONTIER-FM220-S-THRU-FM2200-S Datasheet
640Kb / 3P
2A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
logo
Guangdong Youtai Semico...
SS12 UMW-SS12 Datasheet
566Kb / 3P
20V-200V 1A
SS12F UMW-SS12F Datasheet
580Kb / 3P
20V-200V 1A
SS22 UMW-SS22 Datasheet
558Kb / 3P
20V-200V 2A
SS26 UMW-SS26 Datasheet
558Kb / 3P
20V-200V 2A
SS32 UMW-SS32 Datasheet
636Kb / 3P
20V-200V 3.0A
SS32 UMW-SS32_V01 Datasheet
500Kb / 2P
20V-200V 3.0A
SS32BF UMW-SS32BF Datasheet
648Kb / 3P
20V-200V 3.0A
SS32F UMW-SS32F Datasheet
774Kb / 3P
20V-200V 3A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com