Electronic Components Datasheet Search
  English  ▼

X  

SS26 Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SS26
Description  20V-200V 2A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SS26 Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SS26 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SS26 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SS26 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ORDERING INFORMATION
www.umw-ic.com
3
友台半导体有限公司
UMW SS22 THRU SS220
20V-200V 2A
UMW
R
R
Order Code
Package
Baseqty
Deliverymode
UMW SS22
SMA
2000
Tape and reel
UMW SS23
SMA
2000
Tape and reel
UMW SS24
SMA
2000
Tape and reel
UMW SS26
SMA
2000
Tape and reel
UMW SS28
SMA
2000
Tape and reel
UMW SS210
SMA
2000
Tape and reel
UMW SS215
SMA
2000
Tape and reel
UMW SS220
SMA
2000
Tape and reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com