Electronic Components Datasheet Search
  English  ▼

X  

L6701 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6701
Description  3 Phase Controller for VR10, VR9 and K8 CPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6701 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6701 Datasheet HTML 8Page - STMicroelectronics L6701 Datasheet HTML 9Page - STMicroelectronics L6701 Datasheet HTML 10Page - STMicroelectronics L6701 Datasheet HTML 11Page - STMicroelectronics L6701 Datasheet HTML 12Page - STMicroelectronics L6701 Datasheet HTML 13Page - STMicroelectronics L6701 Datasheet HTML 14Page - STMicroelectronics L6701 Datasheet HTML 15Page - STMicroelectronics L6701 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
5 Typical application circuit and block diagram
L6701
12/44
Figure 3.
Typical Application Circuit: Fully Differential Current Sense (Pat.Pend.)
L1
7
8
9
BOOT1
UGATE1
PHASE1
LGATE1
3
ISEN1
31
RISEN
HS1
LS1
L2
10
11
12
BOOT2
UGATE2
PHASE2
LGATE2
5
ISEN2
30
HS2
L3
13
14
15
BOOT3
UGATE3
PHASE3
LGATE3
6
ISEN3
29
RISEN
HS3
SSEND / PGOOD
16
COUT
Vcc_core
LOAD
VSEN
34
FB
35
RFB
COMP
36
RF
CF
VID4
21
VID3
22
VID2
23
VID1
24
VID0
25
REF_IN
19
VID5
26
1
17
DAC_SEL
OSC/EN/FAULT
18
PGND
4
SGND
VCC
2
LIN
PGOOD
VIN
GNDIN
CIN
L6701 FULLY DIFFERENTIAL
REFERENCE SCHEMATIC
RISEN
REF_OUT
20
ROS
COS
CS+
32
CS-
33
FBG
FBR
28
27
RD
to BOOT1
to BOOT2
to BOOT3
VIN
VIN
VIN
LS2
LS3
CPH
CPH
CPH
RD
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44