Electronic Components Datasheet Search
  English  ▼

X  

LM10 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM10
Description  Operational Amplifier and Voltage Reference
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM10 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM10_00 Datasheet HTML 13Page - National Semiconductor (TI) LM10_00 Datasheet HTML 14Page - National Semiconductor (TI) LM10_00 Datasheet HTML 15Page - National Semiconductor (TI) LM10_00 Datasheet HTML 16Page - National Semiconductor (TI) LM10_00 Datasheet HTML 17Page - National Semiconductor (TI) LM10_00 Datasheet HTML 18Page - National Semiconductor (TI) LM10_00 Datasheet HTML 19Page - National Semiconductor (TI) LM10_00 Datasheet HTML 20Page - National Semiconductor (TI) LM10_00 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Typical Applications (Note 10) (Pin numbers are for devices in 8-pin packages) (Continued)
Optical Pyrometer
00565271
††Level-shift Trim
*Scale Factor Trim
†Copper Wire Wound
Thermocouple Transmitter
Logarithmic Light Sensor
00565272
200˚C
≤Tp≤700˚C
1mA
≤IOUT≤5mA
†Gain Trim
00565273
1mA
≤IOUT≤5mA
‡50 µA
≤ID≤500 µA
††Center Scale Trim
†Scale Factor Trim
*Copper Wire Wound
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com