Electronic Components Datasheet Search
  English  ▼

X  

LM2936 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2936
Description  Ultra-Low Quiescent Current LDO Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2936 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2936 Datasheet HTML 1Page - National Semiconductor (TI) LM2936 Datasheet HTML 2Page - National Semiconductor (TI) LM2936 Datasheet HTML 3Page - National Semiconductor (TI) LM2936 Datasheet HTML 4Page - National Semiconductor (TI) LM2936 Datasheet HTML 5Page - National Semiconductor (TI) LM2936 Datasheet HTML 6Page - National Semiconductor (TI) LM2936 Datasheet HTML 7Page - National Semiconductor (TI) LM2936 Datasheet HTML 8Page - National Semiconductor (TI) LM2936 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Ordering Information
Output
Voltage
High
Voltage
Shutdown
Pin
Order
Package Type
Package Drawing
Transport Media
3.00V
-
Yes
LM2936BM-3.0
8-Lead SOIC
M08A
Rail
-
Yes
LM2936BMX-3.0
8-Lead SOIC
M08A
Tape/Reel
-
-
LM2936DT-3.0
TO-252
TD03B
Rail
-
-
LM2936DTX-3.0
TO-252
TD03B
Tape/Reel
Yes
Yes
LM2936HVBMA-3.0
8-Lead SOIC
M08A
Rail
Yes
Yes
LM2936HVBMAX3.0
8-Lead SOIC
M08A
Tape/Reel
-
-
LM2936M-3.0
8-Lead SOIC
M08A
Rail
-
-
LM2936MX-3.0
8-Lead SOIC
M08A
Tape/Reel
-
-
LM2936MP-3.0
SOT-223
MP04A
Tape/Reel
-
-
LM2936MPX-3.0
SOT-223
MP04A
Tape/Reel
-
-
LM2936MM-3.0
8-Lead Mini SOIC
MUA08A
Rail
-
-
LM2936MMX-3.0
8-Lead Mini SOIC
MUA08A
Tape/Reel
-
-
LM2936Z-3.0
TO-92
Z03A
Box
3.30V
-
Yes
LM2936BM-3.3
8-Lead SOIC
M08A
Rail
-
Yes
LM2936BMX-3.3
8-Lead SOIC
M08A
Tape/Reel
-
-
LM2936DT-3.3
TO-252
TD03B
Rail
-
-
LM2936DTX-3.3
TO-252
TD03B
Tape/Reel
Yes
Yes
LM2936HVBMA-3.3
8-Lead SOIC
M08A
Rail
Yes
Yes
LM2936HVBMAX3.3
8-Lead SOIC
M08A
Tape/Reel
-
-
LM2936M-3.3
8-Lead SOIC
M08A
Rail
-
-
LM2936MX-3.3
8-Lead SOIC
M08A
Tape/Reel
-
-
LM2936MP-3.3
SOT-223
MP04A
Tape/Reel
-
-
LM2936MPX-3.3
SOT-223
MP04A
Tape/Reel
-
-
LM2936MM-3.3
8-Lead Mini- SOIC
MUA08A
Rail
-
-
LM2936MMX-3.3
8-Lead Mini- SOIC
MUA08A
Tape/Reel
-
-
LM2936Z-3.3
TO-92
Z03A
Box
5.00V
-
Yes
LM2936BM-5.0
8-Lead SOIC
M08A
Rail
-
Yes
LM2936BMX-5.0
8-Lead SOIC
M08A
Tape/Reel
-
-
LM2936DT-5.0
TO-252
TD03B
Rail
-
-
LM2936DTX-5.0
TO-252
TD03B
Tape/Reel
Yes
Yes
LM2936HVBMA-5.0
8-Lead SOIC
M08A
Rail
Yes
Yes
LM2936HVBMAX5.0
8-Lead SOIC
M08A
Tape/Reel
Yes
-
LM2936HVMA-5.0
8-Lead SOIC
M08A
Rail
Yes
-
LM2936HVMAX-5.0
8-Lead SOIC
M08A
Tape/Reel
-
LM2936M-5.0
8-Lead SOIC
M08A
Rail
-
-
LM2936MX-5.0
8-Lead SOIC
M08A
Tape/Reel
-
-
LM2936MP-5.0
SOT-223
MP04A
Tape/Reel
-
-
LM2936MPX-5.0
SOT-223
MP04A
Tape/Reel
-
-
LM2936MM-5.0
8-Lead Mini-SOIC
MUA08A
Rail
-
-
LM2936MMX-5.0
8-Lead Mini-SOIC
MUA08A
Tape/Reel
-
-
LM2936Z-5.0
TO-92
Z03A
Box
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com