Electronic Components Datasheet Search
  English  ▼

X  

MB2541 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MB2541
Description  Dual octal buffer line driver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2541 Datasheet(HTML) 3 Page - NXP Semiconductors

  MB2541 Datasheet HTML 1Page - NXP Semiconductors MB2541 Datasheet HTML 2Page - NXP Semiconductors MB2541 Datasheet HTML 3Page - NXP Semiconductors MB2541 Datasheet HTML 4Page - NXP Semiconductors MB2541 Datasheet HTML 5Page - NXP Semiconductors MB2541 Datasheet HTML 6Page - NXP Semiconductors MB2541 Datasheet HTML 7Page - NXP Semiconductors MB2541 Datasheet HTML 8Page - NXP Semiconductors MB2541 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
MB2541
16-bit buffer/line drivers (3-State)
1998 Jan 16
3
LOGIC SYMBOL
44
43
41
40
38
37
35
34
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1Y0
1Y1
1Y2
1Y3
1Y4
1Y5
1Y6
1Y7
48
49
51
52
2
3
5
6
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2Y0
2Y1
2Y2
2Y3
2Y4
2Y5
2Y6
2Y7
8
9
11
12
14
15
17
18
47
45
1OE0
1OE1
19
21
2OE0
2OE1
32
31
29
28
26
25
23
22
SB00083
FUNCTION TABLE
INPUTS
OUTPUTS
nOE0
nOE1
nIx
nYx
L
L
L
L
L
L
H
H
X
H
X
Z
H
X
X
Z
LOGIC SYMBOL (IEEE/IEC)
45
44
43
41
40
38
37
35
34
48
49
51
52
2
3
5
6
EN
&
47
21
32
31
29
28
26
25
23
22
8
9
11
12
14
15
17
18
EN
&
19
SB00084
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0
–18
mA
VI
DC input voltage3
–1.2 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
output in Off or High state
–0.5 to +5.5
V
IOUT
DC output current
output in Low state
128
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com