Electronic Components Datasheet Search
  English  ▼

X  

630 Datasheet(PDF) 3 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # 630
Description  9A 200V N-channel Enhancement Mode Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

630 Datasheet(HTML) 3 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  630 Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 630 Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 630 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 630 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 630 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 630 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 630 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 630 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 630 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 3 of 11
630/F630/I630/E630/B630/D630
5 Typical characteristics diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com