Electronic Components Datasheet Search
  English  ▼

X  

AM49DL640AH Datasheet(PDF) 39 Page - SPANSION

Part # AM49DL640AH
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM49DL640AH Datasheet(HTML) 39 Page - SPANSION

Back Button AM49DL640AH Datasheet HTML 35Page - SPANSION AM49DL640AH Datasheet HTML 36Page - SPANSION AM49DL640AH Datasheet HTML 37Page - SPANSION AM49DL640AH Datasheet HTML 38Page - SPANSION AM49DL640AH Datasheet HTML 39Page - SPANSION AM49DL640AH Datasheet HTML 40Page - SPANSION AM49DL640AH Datasheet HTML 41Page - SPANSION AM49DL640AH Datasheet HTML 42Page - SPANSION AM49DL640AH Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
December 12, 2003
Am49DL640AH
37
ADV ANCE
I N FO RMAT I O N
pSRAM DC & OPERATING CHARACTERISTICS
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
I
LI
Input Leakage Current
V
IN = VSS to VCC
0.5
µA
I
LO
Output Leakage Current
OE# = V
IH or Chip Disabled
0.5
µA
I
CC1s
Operating Current
V
CC = VCC Max, VIN = VIH/VIL
Chip Enabled, I
OUT = 0
t
RC = Min
25
mA
V
OL
Output Low Voltage
I
OL = –2.0 mA
0.2
V
V
OH
Output High Voltage
I
OH = 0.2 mA
V
CC–0.2
V
I
SB
Standby Current (CMOS)
V
IN = VCC or 0 V
Chip Disabled
t
A = 85C, VCC = 3.0 V
100
µA
V
IL
Input Low Voltage
–0.3
0.6
V
V
IH
Input High Voltage
2.2
V
CC +
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com