Electronic Components Datasheet Search
  English  ▼

X  

PS2501 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PS2501
Description  HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2501 Datasheet(HTML) 2 Page - Renesas Technology Corp

  PS2501 Datasheet HTML 1Page - Renesas Technology Corp PS2501 Datasheet HTML 2Page - Renesas Technology Corp PS2501 Datasheet HTML 3Page - Renesas Technology Corp PS2501 Datasheet HTML 4Page - Renesas Technology Corp PS2501 Datasheet HTML 5Page - Renesas Technology Corp PS2501 Datasheet HTML 6Page - Renesas Technology Corp PS2501 Datasheet HTML 7Page - Renesas Technology Corp PS2501 Datasheet HTML 8Page - Renesas Technology Corp PS2501 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PS2501-1, -4, PS2501L-1, -4
R08DS0202EJ0100 Rev.1.00
Page 2 of 12
Dec 25, 2020
PACKAGE DIMENSIONS (UNIT: mm)
DIP Type
Lead Bending Type For Surface Mount
Weight (4-pin DIP):0.26 g (typ.)
Weight (16-pin DIP):1.02 g (typ.)
PHOTOCOUPLER CONSTRUCTION
Parameter
Unit (mm)
Air Distance (MIN.)
7
Creepage Distance (MIN.)
7
Isolation Distance (MIN.)
0.3
PS2501-4
PS2501-1
19.8±0.5
2.54
1.25±0.15
0.50±0.10
0.25 M
0 to 15°
7.62
0.25
+0.1
–0.05
2.54
1.25±0.15
0.50±0.10
0.25 M
4.6±0.35
0 to 15°
7.62
0.25
+0.1
–0.05
1
2
4
3
1
8
16
9
PS2501L-4
PS2501L-1
0.25 M
4.6±0.35
2.54
1.25±0.15
0.15
0.9±0.25
9.60±0.4
19.8±0.5
2.54
1.25±0.15
0.25 M
0.15
0.9±0.25
9.60±0.4
1
2
4
3
1
8
16
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com