Electronic Components Datasheet Search
  English  ▼

X  

MAX42406 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX42406
Description  36V, 5A/6A Fully Integrated Synchronous Buck Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX42406 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX42406 Datasheet HTML 9Page - Analog Devices MAX42406 Datasheet HTML 10Page - Analog Devices MAX42406 Datasheet HTML 11Page - Analog Devices MAX42406 Datasheet HTML 12Page - Analog Devices MAX42406 Datasheet HTML 13Page - Analog Devices MAX42406 Datasheet HTML 14Page - Analog Devices MAX42406 Datasheet HTML 15Page - Analog Devices MAX42406 Datasheet HTML 16Page - Analog Devices MAX42406 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MAX42405/MAX42406
36V, 5A/6A Fully Integrated Synchronous Buck
Converters
www.analog.com
Analog Devices | 13
Output Capacitor
Output capacitance is selected to satisfy the output load-transient, output voltage ripple, and closed-loop stability
requirements. During a load step, the output current changes almost instantaneously, whereas the inductor is slow to
react. During this transition time, the load-charge requirements are supplied by the output capacitor, which causes an
undershoot/overshoot in the output voltage. For a buck converter controlled by inductor current, as employed in the
MAX42405/MAX42406, output capacitance also affects the control-loop stability.
The output ripple is composed of ΔVQ (caused by the capacitor discharge) and ΔVESR (caused by the ESR of the output
capacitor). Use low-ESR ceramic or aluminum electrolytic capacitors at the output. For aluminum electrolytic capacitors,
the entire output ripple is contributed by ΔVESR. Use Equation 8 to calculate the ESR requirement and choose the
capacitor accordingly. If using ceramic capacitors, assume the contribution to the output-ripple voltage from the ESR and
the capacitor discharge to be equal. The following equations show the output capacitance and ESR requirement for a
specified output-voltage ripple.
Equation 8:
ESR =
∆VESR
∆IP-P
COUT =
∆IP-P
8 × ∆VQ × fSW
where:
∆IP-P =
(
VIN - VOUT) × VOUT
VIN × fSW × L
VOUT_RIPPLE = ∆VESR + ∆VQ
ΔIP-P is the peak-to-peak inductor current as calculated above, and fSW is the converter’s switching frequency.
The output capacitor supplies the step-load current until the converter responds with a greater duty cycle. The resistive
drop across the output capacitor's ESR and the capacitor discharge causes a voltage droop during a step load. Use a
combination of low-ESR tantalum and ceramic capacitors for better transient load and ripple/noise performance. Keep
the maximum output-voltage deviations below the tolerable limits of the electronics being powered. When using a ceramic
capacitor, assume an 80% and 20% contribution from the output-capacitance discharge and the ESR drop, respectively.
Use the following equations to calculate the required ESR and capacitance value:
Equation 9:
COUT =
∆I
∆V × 2π × fC
Where ΔI is the load change, ΔV is the allowed voltage droop, and fC is the loop crossover frequency, which can be
assumed to be the lesser of fSW/10 or 100kHz. Any calculations involving COUT should consider capacitance tolerance,
temperature, and voltage derating. Table 1 shows the recommended output capacitor values according to switching
frequency and output voltage.
Dual-Phase Operation
Low-IQ Operation in Dual Phase
The MAX42405/MAX42406 come with dual-phase capability where each IC can be configured as a controller or target.
The SYNCOUT pin of the controller outputs a 180-degree out-of-phase clock when SYNC is tied high (FPWM mode). For
low-IQ mode, the SYNC pin of the controller should be pulled low (Skip mode). In this mode, there is no clock present on
the SYNCOUT pin of the controller, and the controller IC enters Skip mode. The internal circuit of the target IC remains
ON during this time and actively looks for the SYNCOUT signal from the controller. Since the target IC is ON, the quiescent
current is slightly higher, even though both of the ICs skip pulses.
To improve the light-load efficiency and further reduce the IQ, the target EN should be pulled low. This disables the target
and its internal circuits, further reducing the IQ. Table 2 summarizes the truth table for low-IQ operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com