Electronic Components Datasheet Search
  English  ▼

X  

PD640G63UI Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # PD640G63UI
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PD640G63UI Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button PD640G63UI Datasheet HTML 8Page - Advanced Micro Devices PD640G63UI Datasheet HTML 9Page - Advanced Micro Devices PD640G63UI Datasheet HTML 10Page - Advanced Micro Devices PD640G63UI Datasheet HTML 11Page - Advanced Micro Devices PD640G63UI Datasheet HTML 12Page - Advanced Micro Devices PD640G63UI Datasheet HTML 13Page - Advanced Micro Devices PD640G63UI Datasheet HTML 14Page - Advanced Micro Devices PD640G63UI Datasheet HTML 15Page - Advanced Micro Devices PD640G63UI Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
10
Am29PDL640G
December 13, 2005
D A TA SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in
volume for this device. Consult the local AMD sales office to con-
firm availability of specific valid combinations and to check on
newly released combinations.
Note: For the Am29PDL640G, the last digit of the speed indicator
specifies VIO range. Speed grades ending in 3 (such as 73,83) indicate
a 3 Volt V
IO range; speed grades ending in 8 (such as 98) indicate a
1.8V V
IO range.
Am29PDL640G
63
WS
I
OPTIONAL PROCESSING
Blank =
Standard Processing
N
=
16-byte ESN devices
(Contact an AMD representative for more information)
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
WH
=
63-ball Fine-pitch Ball Grid Array
0.8 mm pitch, 12 x 11 mm package (FBE063)
WS
=
80-Ball Fine-pitch Ball Grid Array
0.8 mm pitch, 12 x 11 mm package (FBE080)
SPEED OPTION
See Product Selector Guide and Valid Combinations
DEVICE NUMBER/DESCRIPTION
Am29PDL640G
64 Megabit (4 M x 16-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations for BGA Packages
Order Number
Package Marking
Speed
(ns)
VIO
Range
Am29PDL640G63
WHI
PD640G63V
I
65
2.7–
3.1 V
Am29PDL640G63
WSI
PD640G63U
Am29PDL640G73
WHI
PD640G73V
70
Am29PDL640G73
WSI
PD640G73U
Am29PDL640G83
WHI
PD640G83V
85
Am29PDL640G83
WSI
PD640G83U
Am29PDL640G98
WSI
PD640G98U
90
1.65–
1.95 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com