Electronic Components Datasheet Search
  English  ▼

X  

TL062 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TL062
Description  Low power J-FET input operational amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TL062 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TL062 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TL062 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TL062 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TL062 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TL062 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TL062 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TL062 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TL062 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TL062 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
u Guoxin
semiconductor co., ltd
commo
n 7 page
Maximum rating
category
symbol
value
unit
Power supply (from VCC to VEE)
VS
+36
V
Input differential voltage range (Note 1)
V
IDR
±30
V
Input voltage range (Note 1 and Note2)
V
IR
±15
V
Output Short Circuit Duration (Note 3)
tsc
need to be decided or
settled
sec
operating junction temperature range
T
J
+125
Storage temperature range
T
stg
- 60 to +150
Note: 1. The differential voltage is located at the noninverting input terminal with respect to the inverting input
terminal.
2. The magnitude of the input voltage must not exceed the amplitude of the supply voltage of
15 volts,whichever is smaller.
3. Powerconsumption must be considered to ensure that the maximum
junction temperature is not exceeded.
Electrical characteristics (Vcc=20V,Tamp=25°C shall be specified separately)
parameter
symbol
TL062C
unit
Min
Typ
Max
Input offset voltage (RS =50 , VO = 0V)
TA=25°C
V
IO
3.0
15
mV
TA=0°C to +70°C
20
Average temperature coefficient of offset voltage
(RS=50
Ω VO=0V)
∆V
IO
/
∆T
10
uV/°C
Input offset current (VCM=0V,VO=0V)
TA=25°C
I
IO
0.5
200
pA
TA=0°C to +70°C
2
nA
Input bias current (VCM=0V,VO=0V)
TA=25°C
I
IB
3
200
pA
TA=0°C to +70°C
10
nA
Input common- mode voltage range
TA=25°C
V
ICR
- 11
+14.5
- 12
+11
V
Large signal voltage gain (RL = 10k
Ω, VO = ±10V0)
TA=25°C
A
VOL
3.0
58
V/mV
3.0
Output voltage amplitude (RL=10K
Ω,VID=10 V0)
VO
- 14
- 10
V
V
O
+
+10
V
O
-
- 10
common mode rejection ratio
RS=50
Ω
CMR
70
84
dB
Low power J - FET input operational amplifier
UMW
R
TL062
°C
°C
Ω
TA=0°C to +70°C
TA=0°C to +70°C
VCM=VICR min,VO=0V,TA=25℃
TA=25°C
V+
+10
+14
www.umw-ic.com
2
UTD Semiconductor Co.,Limited
0
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com