Electronic Components Datasheet Search
  English  ▼

X  

TL072 Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TL072
Description  General J-FET input dual operational amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TL072 Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TL072 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TL072 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TL072 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TL072 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TL072 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TL072 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
u Guoxin
semiconductor co., ltd
togethe
r 5 page
Electrical characteristics (VCC =±15, Tamp = 25°C shall be specified separately)
symb
ol
Parameter name
test condition
test value
unit
Min
Typ
Max
Vio
offset voltage
Vo=0V
3
10
mV
Iio
Input offset current
Vo=0V
1.5
nA
Iib
Output bias current
Vo=0V
2.5
nA
Vicr
Input common mode
voltage
- 12
±11
15
V
Vom
Peak output voltage
RL = 10
kΩ
RL
≥ 2 kΩ
±11
±10
±13.5
±12.5
V
AVD
Large signal voltage
gain
RL
≥ 2 kΩ
VO = ±10 V
80
95
dB
B1
Gain bandwidth product
3
MHz
CMRR
common mode
rejection ratio
70
85
dB
kSVR Power supply rejection
ratio
VCC= ±15 V to
± 9
V
Vo=0V
70
86
dB
ICC
Static current- per
channel
1.4
2.8
mA
SR
conversion rate
VI = 10 V,
8
10
V/us
tr
risetime
0.1
us
Ri
input impedance
10
12
Ω
Typical application circuit diagram (including one operational amplifier)
Figure 1. Unity Gain Circuit
Figure 2.10 - fold gain circuit
General J - FET input dual operational amplifier
UMW
R
TL072
www.umw-ic.com
3
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com