Electronic Components Datasheet Search
  English  ▼

X  

TL082 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TL082
Description  General J-FET input dual operational amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TL082 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TL082 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TL082 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TL082 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TL082 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TL082 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TL082 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TL082 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TL082 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Co., Ltd
commo
n 7 page
General J - FET input dual operational amplifier
Summary
TL082 is a dual operational amplifier with
high-speed J-FET input, which consists of high-
voltage J-FET and bipolar transistor. It has high
conversion rate, low input bias current and offset
current, and low temperature coefficient of offset
voltage. The working range is 0℃-70℃.
TL082 is available in SOP8 packages.
Main feature
Lower power consumption
Wide common
- mode and differential
- mode input voltage range
Low input bias current and offset current
Output short
- circuit current protection
High input impedance
High conversion rate
High gain bandwidth product,
up to 4MHz
Pin diagram
Symbol (each operational amplifier)
Guoxin
UMW
R
TL082
•
•
•
•
•
www.umw-ic.com
1
UTD Semiconductor Co.,Limited
•


Similar Part No. - TL082

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TL082 NSC-TL082 Datasheet
821Kb / 12P
Wide Bandwidth Dual JFET Input Operational Amplifier
logo
STMicroelectronics
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
Mar-2002
logo
Texas Instruments
TL082 TI-TL082 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL082 TI-TL082 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
TL082 UTC-TL082 Datasheet
465Kb / 9P
GENERAL PURPOSE DUAL J-FET OPERATION AMPLIFIER
More results

Similar Description - TL082

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4082 NEC-UPC4082 Datasheet
279Kb / 10P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER???????
logo
New Japan Radio
NJM072B NJRC-NJM072B Datasheet
225Kb / 5P
DUAL J-FET INPUT OPERATIONAL AMPLIFIER?
NJM074 NJRC-NJM074 Datasheet
144Kb / 3P
DUAL J-FET INPUT OPERATIONAL AMPLIFIER???
NJM2082 NJRC-NJM2082 Datasheet
226Kb / 5P
DUAL J-FET INPUT OPERATIONAL AMPLIFIER????
NJM353 NJRC-NJM353 Datasheet
266Kb / 7P
DUAL J-FET INPUT OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6082M SANYO-LA6082M Datasheet
102Kb / 5P
J-FET Input Dual Operational Amplifier?
LA6083D SANYO-LA6083D Datasheet
105Kb / 5P
J-FET Input Dual Operational Amplifier
LA6083M SANYO-LA6083M Datasheet
104Kb / 5P
J-FET Input Dual Operational Amplifier
logo
Renesas Technology Corp
PC4082 RENESAS-PC4082_15 Datasheet
264Kb / 11P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER
logo
Guangdong Youtai Semico...
TL072 UMW-TL072 Datasheet
706Kb / 6P
General J-FET input dual operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com