Electronic Components Datasheet Search
  English  ▼

X  

TLP185 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TLP185
Description  Collector-emitter voltage: 80 V (min)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TLP185 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TLP185 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TLP185 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TLP185 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TLP185 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TLP185 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TLP185 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TLP185 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TLP185 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5.
5.
5.
5. Principle of Operation
Principle of Operation
Principle of Operation
Principle of Operation
5.1.
5.1.
5.1.
5.1. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance
Internal isolation thickness
Min
5.0
5.0
0.4
Unit
mm
6.
6.
6.
6. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Common
Characteristics
Input forward current
Input forward current derating
Input forward current (pulsed)
Input reverse voltage
Input power dissipation
Input power dissipation
derating
Junction temperature
Collector-emitter voltage
Emitter-collector voltage
Collector current
Collector power dissipation
Collector power dissipation
derating
Junction temperature
Operating temperature
Storage temperature
Lead soldering temperature
Total power dissipation
Isolation voltage
(Ta ≥ 90 )
(Ta ≥ 90 )
(Ta ≥ 25 )
(10 s)
AC, 60 s, R.H. ≤ 60%
Symbol
IF
∆IF/∆Ta
IFP
VR
PD
∆PD/∆Ta
Tj
VCEO
VECO
IC
PC
∆PC/∆Ta
Tj
Topr
Tstg
Tsol
PT
BVS
Note
(Note 1)
(Note 2)
Rating
50
-1.5
1
5
100
-2.86
125
80
7
50
150
-1.5
125
-55 to 110
-55 to 125
260
200
3750
Unit
mA
mA/
A
V
mW
mW/
V
V
mA
mW
mW/
mW
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Note 1: Pulse width (PW) ≤ 100 µs, f = 100 Hz
Note 2: This device is considered as a two-terminal device: Pins 1 and 3 are shorted together, and pins 4 and 6 are
shorted together.
2
www.umw-ic.com
友台半导体有限公司
UMW TLP185
UMW
R
UMW TLP185



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com