Electronic Components Datasheet Search
  English  ▼

X  

TLP621 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TLP621
Description  PROGRAMMABLE CONTROLLER AC/ DC - INPUT MODULE SOLID STATE RELAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TLP621 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TLP621 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TLP621 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TLP621 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TLP621 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TLP621 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TLP621 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TLP621 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TLP621 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
..
Collector-Emitter Voltage :
Current Transfer Ratio
Rank GB
55V (Min.)
50% (Min.)
100% (Min.)
PIN CONFIGURATIONS (TOP VIEW)
TLP621
巨�
1 : ANODE
2 : CATHODE
3 : EMITTER
4 : COLLECTOR
1
2
3
TLP621-2
4
1, 3 : ANODE
2, 4 : CATHODE
5, 7 : EMITTER
6, 8 : COLLECTOR
8
6
1
2
3
4
5
6
7
8
TLP621-4
16
15
14
13
12
11
10
9
1
3 5 7
',
: ANODE
2 4
,
6 8
',
: CATHODE
9, 11, 13, 15 : EMITTER
10, 12, 14, 16 : COLLECTOR
Unit in mm
三
/
恩廿ooo
了。廿寸
9
,赞+
S9
气勹
—『「
�十己和
_5
7-�「丁
。
+I
542
4024
TLP621
785 -880
Weight : 0.26g
62
三总0+OOO
门订寸鸟气芍sgs·
·1
司曰
8□1
9.66土0.25
254土0.25
TLP621-2
7.85·8.80
"me,
Weight : 0.54g
总0打寸9l
10言
16
尸
尸
TLP621-4
11<10A3
Weight : l.lg
UL-approved: UL1577, File No.E492440
Weight: 0.31g
UMW TLP621
UMW
R
UMW TLP621
1
www.umw-ic.com
友台半导体有限公司
PROGRAMMABLE CONTROLLER
AC/ DC - INPUT MODULE
SOLID STATE RELAY
The UMW TLP621-1,-2, and -4 consists of a photo-transistor
optically coupled to a gallium arsenide infrared emitting diode.
The TLP621-2 offers two isolated channels in an eight lead
plastic DIP, which the TLP621-4 provides four isolated channels
in a sixteen plastic DIP.
-1


Similar Part No. - TLP621

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621 Datasheet
425Kb / 10P
PROGRAMMABLE CONTROLLER AC/DC-INPUT MODULE SOLID STATE RELAY
TLP621 TOSHIBA-TLP621 Datasheet
245Kb / 10P
Programmable Controller
logo
ISOCOM COMPONENTS
TLP621 ISOCOM-TLP621 Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621 Datasheet
208Kb / 10P
Programmable Controller AC / DC−Input Module Solid State Relay
01-Oct-2007
TLP621 TOSHIBA-TLP621 Datasheet
208Kb / 10P
Programmable Controller AC / DC−Input Module Solid State Relay
01-Oct-2007
More results

Similar Description - TLP621

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP504A TOSHIBA-TLP504A Datasheet
357Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP521-1 TOSHIBA-TLP521-1 Datasheet
372Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
Programmable Controllers AC / DC-Input Module Solid State Relay
TLP621 TOSHIBA-TLP621 Datasheet
425Kb / 10P
PROGRAMMABLE CONTROLLER AC/DC-INPUT MODULE SOLID STATE RELAY
TLP621-4GB TOSHIBA-TLP621-4GB Datasheet
208Kb / 10P
Programmable Controller AC / DC−Input Module Solid State Relay
01-Oct-2007
TLP621-4GBF TOSHIBA-TLP621-4GBF Datasheet
208Kb / 10P
Programmable Controller AC / DC−Input Module Solid State Relay
01-Oct-2007
TLP621GBF TOSHIBA-TLP621GBF Datasheet
208Kb / 10P
Programmable Controller AC / DC?묲nput Module Solid State Relay
logo
Guangdong Youtai Semico...
TLP521GB-S UMW-TLP521GB-S Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP521GB UMW-TLP521GB Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP621GB-1 UMW-TLP621GB-1 Datasheet
519Kb / 8P
PROGRAMMABLE CONTROLLER AC/ DC - INPUT MODULE SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com