Electronic Components Datasheet Search
  English  ▼

X  

TLP785 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TLP785
Description  Photocoupler GaAs IRED & Photo
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TLP785 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TLP785 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
(Note 4): AC, 1 min., R.H.
200
mW
80
mA
100
mW
Current Transfer Ratio
Current Transfer Ratio (%)
(IC / IF)
IF = 5mA, VCE = 5V, Ta = 25°C
Type
Classification
(Note 1)
Min
Max
Marking of Classification
None
50
600
Blank
Rank Y
50
150
YE
Rank GR
100
300
GR
Rank BL
200
600
BL
Rank GB
100
600
GB
Rank YH
75
150
Y+
Rank GRL
100
200
G
Rank GRH
150
300
G+
TLP785
Rank BLL
200
400
B
(Note 1): Ex. rank GB: TLP785 (GB)
(Note 2): Application type name for certification test, please use standard product type name, i. e.
TLP785 (GB): TLP785
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
60
mA
Forward current derating (Ta ≥ 39°C)
ΔIF / °C
−0.7
mA / °C
Pulse forward current
(Note 3)
IFP
1
A
Power dissipation
PD
Power dissipation derating
ΔPD / °C
−0.9
mW / °C
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Collector−emitter voltage
VCEO
80
V
Emitter−collector voltage
VECO
7
V
Collector current
IC
Power dissipation (single circuit)
PC
150
mW
Power dissipation derating
(Ta ≥ 25°C)
ΔPC / °C
−1.5
mW / °C
Junction temperature
Tj
125
°C
Operating temperature range
Topr
−55 to 110
°C
Storage temperature range
Tstg
−55 to 125
°C
Lead soldering temperature (10s)
Tsol
260
°C
Total package power dissipation
PT
Total package power dissipation derating
(Ta ≥ 25°C)
ΔPT / °C
−2.4
mW / °C
Isolation voltage
(Note 4)
BVS
5000
Vrms
(Note 3): 100 μs pulse, 100 Hz frequency
≤ 60%. Apply voltage to LED pin and detector pin together.
UMW TLP785
UMW
R
UMW TLP785
UMW TLP785
2
www.umw-ic.com
友台半导体有限公司



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com