Electronic Components Datasheet Search
  English  ▼

X  

TMP112B Datasheet(PDF) 15 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP112B
Description  Temperature range: -55°C ~ 150°C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP112B Datasheet(HTML) 15 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button TMP112B Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 17Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Table 13. Configuration Register Low Byte
BIT
FIELD
DEFAULT
DESCRIPTION
7
CR1(R/W)
1
Continuous Conversion Rate Flag
00 = 0.25Hz
01 = 1Hz
10 = 4Hz (Default)
11 = 8Hz
6
CR0(R/W)
0
5
AL(R)
1
Alarm Function Fag Bit in Compare Mode
When the POL bit equals 0, the AL bit reads as 1
until the temperature equals or exceeds THIGH for the
programmed number of consecutive faults, causing the
AL bit to read as 0. The AL bit continues to read as 0
until the temperature falls below TLOW for the
programmed number of consecutive faults, when it
again reads as 1. If POL=1, the behavior of the AL bit is
the opposite of the above.
The status of the TM bit does not affect the status
of the AL bit.
4
EM(R/W)
0
Extended Mode Flag
1 = Extended mode
0 = Normal mode
3
0
0
/
2
0
0
/
1
0
0
/
0
0
0
/
www.umw-ic.com
15
友台半导体有限公司
UMW
R
TMP112B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com