Electronic Components Datasheet Search
  English  ▼

X  

M500000008 Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # M500000008
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M500000008 Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button M500000008 Datasheet HTML 4Page - Advanced Micro Devices M500000008 Datasheet HTML 5Page - Advanced Micro Devices M500000008 Datasheet HTML 6Page - Advanced Micro Devices M500000008 Datasheet HTML 7Page - Advanced Micro Devices M500000008 Datasheet HTML 8Page - Advanced Micro Devices M500000008 Datasheet HTML 9Page - Advanced Micro Devices M500000008 Datasheet HTML 10Page - Advanced Micro Devices M500000008 Datasheet HTML 11Page - Advanced Micro Devices M500000008 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
November 7, 2002
Am50DL128CG
7
P R E L I M I NARY
CONNECTION DIAGRAM
Special Package Handling Instructions
Special handling is required for Flash Memory products
in molded packages (TSOP, BGA, PLCC, PDIP,
SSOP). The package and/or data integrity may be
compromised if the package body is exposed to
temperatures above 150
°C for prolonged periods of
time.
G3
G4
G5
G6
G7
G8
F3
F4
F5
F6
F7
F8
E3
E4
E5
E6
E7
E8
D3
D4
D5
D6
D7
D8
C3
C4
C5
C6
C7
C8
B3
B4
B5
B6
B7
B8
NC
NC
NC
CE#f2
RY/BY#2
VSS
NC
A8
A11
WE#
WP#/ACC
LB#
A7
NC
A19
A12
CE2ps
RESET#1
UB#
A6
A3
A9
A13
A20
RY/BY#1
A18
A5
A2
A10
A14
NC
NC
A17
A4
A1
DQ6
NC
G9
F9
E9
D9
C9
B9
NC
NC
A15
A21
NC
A16
NC
NC
DQ1
VSS
A0
M1
NC
NC
A1
G2
F2
E2
D2
C2
B2
M2
A2
M9
NC
A9
NC
M10
NC
A10
NC
NC
NC
H3
H4
H5
H6
H7
H8
DQ13
DQ15
H9
VCCf
DQ4
DQ3
DQ9
OE#
CE#f1
H2
J3
J4
J5
J6
J7
J8
DQ12
DQ7
J9
VSS
VCCps
VCCf
DQ10
DQ0
CE#1fps
J2
K3
K4
K5
K6
K7
K8
DQ5
DQ14
K9
NC
NC
DQ11
DQ2
DQ8
NC
K2
L3
L4
L5
L6
L7
L8
NC
NC
L9
NC
NC
VCCf
VSS
RESET#2
NC
L2
Shared
Flash 1 only
Flash 2 only
Flash 1 and 2
shared
SRAM only
88-Ball FBGA
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com