Electronic Components Datasheet Search
  English  ▼

X  

1374037 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1374037
Description  FR 1,27/100-FV 6,25 - SMD female connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1374037 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1374037 Datasheet HTML 1Page - PHOENIX CONTACT 1374037 Datasheet HTML 2Page - PHOENIX CONTACT 1374037 Datasheet HTML 3Page - PHOENIX CONTACT 1374037 Datasheet HTML 4Page - PHOENIX CONTACT 1374037 Datasheet HTML 5Page - PHOENIX CONTACT 1374037 Datasheet HTML 6Page - PHOENIX CONTACT 1374037 Datasheet HTML 7Page - PHOENIX CONTACT 1374037 Datasheet HTML 8Page - PHOENIX CONTACT 1374037 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
SMD female connector, nominal current: 2.2 A, Test voltage: 840 V AC, number of positions:
100, pitch: 1.27 mm, color: black, contact surface: Gold, contact connection type: Socket,
mounting: SMD soldering
Your advantages
The first high-speed data transmission at up to 28 Gbps using the established market standard, opens up new design possibilities.
•
Robust 6-pos. to 100-pos. board-to-board and wire-to-board connectors ensure greater flexibility with regard to component options.
•
Time savings during the development process with customer-specific simulations for data integrity.
•
Gold-plated contact points enable long-term stable signal transmission and currents of up to 2.3 A.
•
Design-in support during device development using MCAD/ECAD data and a free sample service.
•
Commercial data
Item number
1374037
Packing unit
1 pc
Minimum order quantity
280 pc
Sales key
AA24
Product key
AAXAAB
GTIN
4063151734176
Weight per piece (including packing)
4.6 g
Weight per piece (excluding packing)
4.6 g
Customs tariff number
85366930
Country of origin
CN
FR 1,27/100-FV 6,25 - SMD female connectors
1374037
https://www.phoenixcontact.com/us/products/1374037
Nov 27, 2023, 6:22 AM
Page 1 (9)


Similar Part No. - 1374037

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1374030 PHOENIX-1374030 Datasheet
358Kb / 9P
FR 1,27/ 26-FV 6,25 - SMD female connectors
1374031 PHOENIX-1374031 Datasheet
363Kb / 9P
FR 1,27/ 32-FV 6,25 - SMD female connectors
1374032 PHOENIX-1374032 Datasheet
352Kb / 9P
FR 1,27/ 40-FV 6,25 - SMD female connectors
1374033 PHOENIX-1374033 Datasheet
349Kb / 9P
FR 1,27/ 50-FV 6,25 - SMD female connectors
1374034 PHOENIX-1374034 Datasheet
346Kb / 9P
FR 1,27/ 68-FV 6,25 - SMD female connectors
More results

Similar Description - 1374037

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714891 PHOENIX-1714891 Datasheet
110Kb / 7P
SMD female connectors - FP 1,27/ 12-FV 6,25
1714899 PHOENIX-1714899 Datasheet
110Kb / 7P
SMD female connectors - FP 1,27/ 68-FV 6,25
1714893 PHOENIX-1714893 Datasheet
97Kb / 6P
SMD female connectors - FP 1,27/ 20-FV 6,25
1714894 PHOENIX-1714894 Datasheet
97Kb / 6P
SMD female connectors - FP 1,27/ 26-FV 6,25
1714898 PHOENIX-1714898 Datasheet
97Kb / 6P
SMD female connectors - FP 1,27/ 50-FV 6,25
1374031 PHOENIX-1374031 Datasheet
363Kb / 9P
FR 1,27/ 32-FV 6,25 - SMD female connectors
1374026 PHOENIX-1374026 Datasheet
374Kb / 9P
FR 1,27/ 6-FV 6,25 - SMD female connectors
1374027 PHOENIX-1374027 Datasheet
369Kb / 9P
FR 1,27/ 12-FV 6,25 - SMD female connectors
1374028 PHOENIX-1374028 Datasheet
370Kb / 9P
FR 1,27/ 16-FV 6,25 - SMD female connectors
1374029 PHOENIX-1374029 Datasheet
372Kb / 9P
FR 1,27/ 20-FV 6,25 - SMD female connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com