Electronic Components Datasheet Search
  English  ▼

X  

H735 Datasheet(PDF) 2 Page - Veris. All Rights Reserved.

Part # H735
Description  Current Switches with Relay: Adjustable Trip Point
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

H735 Datasheet(HTML) 2 Page - Veris. All Rights Reserved.

  H735 Datasheet HTML 1Page - Veris. All Rights Reserved. H735 Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL
AMPERAGE
RANGE
STATUS
OUTPUT (MAX.)
MIN. TRIP
POINT
RELAY
COIL
VOLTAGE
HOUSING
STATUS
LED
RELAY
POWER LED
UL
H735
1 to 135 A
0.1 A @ 30 Vac/dc
1 A or less
SPST, N.O. 24 Vac/dc
Solid-core
••
••
••
H738
1 to 135 A
1.0 A @ 30 Vac/dc
1 A or less
SPST, N.O. 24 Vac/dc
Solid-core
••
••
••
H748
1 to 135 A
1 A or less
SPDT
24 Vac/dc
Solid-core
••
••
••
H758
1 to 135 A
1 A or less
SPST, N.O. 12 Vdc nom.
Solid-core
••
••
••
H938
2.5 to 135 A
2.5 A or less
SPST, N.O. 24 Vac/dc
Split-core
••
••
••
H948
2.5 to 135 A
2.5 A or less
SPDT
24 Vac/dc
Split-core
••
••
••
H958
2.5 to 135 A
2.5 A or less
SPST, N.O. 12 Vdc nom.
Split-core
••
••
••
0.2”x 0.15”
slot (2x)
1.1" *
(27 mm)
2.8"
(68 mm)
0.7"
(19 mm)
0.9"
(23 mm)
3.0" **
(75 mm)
Removable/Adjustable Mounting Bracket
3.8"
(95 mm)
4.2"
(106 mm)
Removable Mounting Bracket
Self-gripping Iris
1.0”
(25 mm)
0.8”
(21 mm)
1.1”
(26 mm)
3.1”**
(79 mm)
2.8”
(70 mm)
Ø 0.3”
(8 mm)
1.4”*
(36 mm)
2.5”
(64 mm)
3.0”
(76 mm)
Bracket can
be mounted
on three sides
for added
installation
flexibility.
Fan or Pump
CONTROLLER
Digital Input
(Status)
Digital Output
(Relay Coil)
Motor
CONTACTOR
CONTROL
POWER
RELAY LOAD
Relay Coil
Power Source
ORDERING INFORMATION
H735/738/748/758
Dimensional Drawing
H938/948/958
Dimensional Drawing
START/STOP MONITORING
OF FAN /PUMP MOTORS
Wiring Diagram
RELAY CONTROLLED DIRECTLY
BY STATUS CONTACTS
Wiring Diagram
* Terminal block may extend up to 1/8” over the height dimensions shown.
** Slide switch may extend up to 1/4” over the height dimensions shown.
* Terminal block may extend up to 1/8” over the height dimensions shown.
** Slide switch may extend up to 1/4” over the height dimensions shown.
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
Current Monitoring | H735, Hx38, Hx48, Hx58 Series
Current Monitoring | Current Switches with Relay: Adjustable Trip Point
HQ0001760.G 0321



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com