Electronic Components Datasheet Search
  English  ▼

X  

H952 Datasheet(PDF) 2 Page - Veris. All Rights Reserved.

Part # H952
Description  Current Transducers with Relay:0 to 5 Vdc Analog Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

H952 Datasheet(HTML) 2 Page - Veris. All Rights Reserved.

  H952 Datasheet HTML 1Page - Veris. All Rights Reserved. H952 Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fan or Pump
CONTROLLER
Motor
CONTACTOR
CONTROL
POWER
Digital Output
(Relay Coil)
Analog Input
(0 to 5 Vdc)
MODEL
AMPERAGE
RANGE
SENSOR
OUTPUT
RELAY
TYPE
RELAY
COIL
HOUSING
UL
H932
0 to 30/60/120 A
0 to 5 Vdc
SPST, N.O.
24 Vac/dc
Split-core
••
H952
12 Vdc
••
Removable Mounting Bracket
Self-gripping Iris
1.0”
(25 mm)
0.8”
(21 mm)
1.1”
(26 mm)
3.1”**
(79 mm)
2.8”
(70 mm)
Ø 0.3”
(8 mm)
1.4”*
(36 mm)
2.5”
(64 mm)
3.0”
(76 mm)
Bracket can
be mounted
on three sides
for added
installation
flexibility.
RELAY CONTACT RATINGS (N.O.)
Resistive
5 A @ 250 Vac, 30 Vdc
5 A @ 30 Vac, 30 Vdc
Inductive
2 A @ 250 Vac, 30 Vdc
2 A @ 30 Vac, 30 Vdc
TYPICAL COIL PERFORMANCE
Voltage
AC
DC
24 (H932)
15
15
12 (H952)
20
Pull In Voltage (H952 only)
12 Vdc
8.4 Vdc
Drop Out Voltage (H952 only)
12 Vdc
3.0 Vdc
H932/H952
Dimensional Drawing
TRENDING & CONTROLLING MOTOR LOADS
WITH THE HAWKEYE 932
Wiring Diagram
ORDERING INFORMATION
* Terminal block may extend up to 1/8” over the height dimensions shown.
** Slide switch may extend up to 1/4” over the height dimensions shown.
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
Current Monitoring | H932 & H952
Current Monitoring | Current Transducers with Relay:
0 to 5 Vdc Analog Output
HQ0001767.G 0321



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com