Electronic Components Datasheet Search
  English  ▼

X  

M500000013 Datasheet(PDF) 67 Page - SPANSION

Part # M500000013
Description  64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M500000013 Datasheet(HTML) 67 Page - SPANSION

Back Button M500000013 Datasheet HTML 62Page - SPANSION M500000013 Datasheet HTML 63Page - SPANSION M500000013 Datasheet HTML 64Page - SPANSION M500000013 Datasheet HTML 65Page - SPANSION M500000013 Datasheet HTML 66Page - SPANSION M500000013 Datasheet HTML 67Page - SPANSION M500000013 Datasheet HTML 68Page - SPANSION M500000013 Datasheet HTML 69Page - SPANSION M500000013 Datasheet HTML 70Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 67 / 70 page
background image
66
Am50DL9608G
May 19, 2003
P R E L I M I NARY
PHYSICAL DIMENSIONS
FTA073—73-Ball Fine-Pitch Grid Array 8 x 11.6 mm
3159\38.14b
N/A
11.60 mm x 8.00 mm
PACKAGE
FTA 073
NOM.
---
---
---
1.40
---
1.11
MAX.
8.00 BSC.
11.60 BSC.
12
---
MIN.
1.00
0.25
8.80 BSC.
7.20 BSC.
10
73
0.35
0.40
0.40 BSC
A2,A3,A4,A5,A6,A7,A8,A9
B2,B3,B4,B7,B8,B9,C2,C9,C10
D1,D10,E1,E10,F5,F6,G5,G6
H1,H10,J1,J10,K1,K2,K9,K10
L2,L3,L4,L7,L8,L9
M2,M3,M4,M5,M6,M7,M8,M9
0.30
0.80 BSC
ME
D
JEDEC
PACKAGE
SYMBOL
A
A2
A1
MD
D1
E
E1
n
NOTE
DEPOPULATED SOLDER BALL
MATRIX SIZE E DIRECTION
MATRIX FOOTPRINT
BALL PITCH
0.80 BSC
BALL PITCH
SOLDER BALL PLACEMENT
BODY SIZE
BALL HEIGHT
BODY SIZE
BODY THICKNESS
PROFILE
BALL DIAMETER
MATRIX SIZE D DIRECTION
BALL COUNT
MATRIX FOOTPRINT
eE
eD
SD/SE
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JESD 95-1, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D"
DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE
"E" DIRECTION.
n IS THE NUMBER OF POPULTED SOLDER BALL POSITIONS
FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A
AND B AND DEFINE THE POSITION OF THE CENTER SOLDER
BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE
OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
9.
N/A
10 A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTION OR OTHER MEANS.
b
O
10
INDEX MARK
73X
C
0.15
(2X)
(2X)
C
0.15
B
A
6
b
0.20 C
C
0.15
C
CA B
M
0.08 M
D
E
PIN A1
C
TOP VIEW
SIDE VIEW
CORNER
A2
A1
A
0.08
BOTTOM VIEW
L
M
eD
CORNER
E1
7
SE
D1
A
B
DC
E
F
HG
10
8
9
7
5
6
4
2
3
J
K
1
eE
SD
PIN A1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com