Electronic Components Datasheet Search
  English  ▼

X  

BS128HE8VF Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # BS128HE8VF
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

BS128HE8VF Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button BS128HE8VF Datasheet HTML 75Page - Advanced Micro Devices BS128HE8VF Datasheet HTML 76Page - Advanced Micro Devices BS128HE8VF Datasheet HTML 77Page - Advanced Micro Devices BS128HE8VF Datasheet HTML 78Page - Advanced Micro Devices BS128HE8VF Datasheet HTML 79Page - Advanced Micro Devices BS128HE8VF Datasheet HTML 80Page - Advanced Micro Devices BS128HE8VF Datasheet HTML 81Page - Advanced Micro Devices BS128HE8VF Datasheet HTML 82Page - Advanced Micro Devices BS128HE8VF Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
77
D A TA
SH EE T
AC CHARACTERISTICS
Notes:
1. The timings are similar to synchronous read timings.
2. VA = Valid Address. Two read cycles are required to determine status. When the Embedded Algorithm operation is complete, the
toggle bits will stop toggling.
3. RDY is active with data (A18 = 0 in the Configuration Register). When A18 = 1 in the Configuration Register, RDY is active one
clock cycle before data.
Figure 42.
Synchronous Data Polling Timings/Toggle Bit Timings
CE#
CLK
AVD#
Addresses
OE#
Data
RDY
Status Data
Status Data
VA
VA
tIACC
tIACC
Note: DQ2 toggles only when read at an address within an erase-suspended sector. The system may use OE# or CE# to toggle
DQ2 and DQ6.
Figure 43.
DQ2 vs. DQ6
Enter
Erase
Erase
Erase
Enter Erase
Suspend Program
Erase Suspend
Read
Erase Suspend
Read
Erase
WE#
DQ6
DQ2
Erase
Complete
Erase
Suspend
Suspend
Program
Resume
Embedded
Erasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com