Electronic Components Datasheet Search
  English  ▼

X  

AD8632ARM Datasheet(PDF) 7 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8632ARM
Description  480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8632ARM Datasheet(HTML) 7 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button AD8632ARM Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ARM Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ARM Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ARM Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ARM Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ARM Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ARM Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ARM Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. AD8632ARM Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Application Notes
Low Input Bias Current
The AD863xA family is a CMOS op-amp family and features very low input
bias current in pA range. The low input bias current allows the amplifiers to be used in
applications with high resistance sources. Care must be taken to minimize PCB
Surface Leakage. See below section on “PCB Surface Leakage” for more details.
PCB Surface Leakage
In applications where low input bias current is critical, Printed Circuit Board
(PCB) surface leakage effects need to be considered. Surface leakage is caused by
humidity, dust or other contamination on the board. Under low humidity conditions, a
typical resistance between nearby traces is 1012Ω. A 5V difference would cause 5pA of
current to flow, which is greater than the AD863xA’s input bias current at +25℃
(±1fA, typical). It is recommended to use multi-layer PCB layout and route the op-
amp’s –IN and +IN signal under the PCB surface.
The effective way to reduce surface leakage is to use a guard ring around
sensitive pins (or traces). The guard ring is biased at the same voltage as the sensitive
pin. An example of this type of layout is shown in Figure 1 for Inverting Gain
application.
1. For Non-Inverting Gain and Unity-Gain Buffer:
a) Connect the non-inverting pin (+IN) to the input with a wire that does not
touch the PCB surface.
b) Connect the guard ring to the inverting input pin (–IN). This biases the
guard ring to the Common Mode input voltage.
2. For Inverting Gain and Trans-impedance Gain Amplifiers (convert current to
voltage, such as photo detectors):
a) Connect the guard ring to the non-inverting input pin (+IN). This biases
the guard ring to the same reference voltage as the op-amp (e.g., VS/2 or ground).
b) Connect the inverting pin (–IN) to the input with a wire that does not
touch the PCB surface
Figure 1. Use a guard ring around sensitive pins
480
μA, 6.5MHz, RRIO CMOS Operational Amplifiers
UMW
AD8631,AD8632,AD8634
R
www.umw-ic.com
7
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com