Electronic Components Datasheet Search
  English  ▼

X  

AM29LV320ML90RFF Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29LV320ML90RFF
Description  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320ML90RFF Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29LV320ML90RFF Datasheet HTML 1Page - Advanced Micro Devices AM29LV320ML90RFF Datasheet HTML 2Page - Advanced Micro Devices AM29LV320ML90RFF Datasheet HTML 3Page - Advanced Micro Devices AM29LV320ML90RFF Datasheet HTML 4Page - Advanced Micro Devices AM29LV320ML90RFF Datasheet HTML 5Page - Advanced Micro Devices AM29LV320ML90RFF Datasheet HTML 6Page - Advanced Micro Devices AM29LV320ML90RFF Datasheet HTML 7Page - Advanced Micro Devices AM29LV320ML90RFF Datasheet HTML 8Page - Advanced Micro Devices AM29LV320ML90RFF Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
Publication# 26517
Rev: B Amendment/4
Issue Date: January 31, 2007
DATA SHEET
Am29LV320MH/L
32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit
™
3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O
™ Control
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ Single power supply operation
— 3 V for read, erase, and program operations
■ VersatileI/O™ control
— Device generates data output voltages and tolerates
data input voltages on the DQ inputs/outputs as
determined by the voltage on the V
IO pin; operates
from 1.65 to 3.6 V
■ Manufactured on 0.23 µm MirrorBit process
technology
■ Secured Silicon Sector region
— 128-word/256-byte sector for permanent, secure
identification through an 8-word/16-byte random
Electronic Serial Number, accessible through a
command sequence
— May be programmed and locked at the factory or by
the customer
■ Flexible sector architecture
— Sixty-four 32 Kword/64-Kbyte sectors
■ Compatibility with JEDEC standards
— Provides pinout and software compatibility for
single-power supply flash, and superior inadvertent
write protection
■ Minimum 100,000 erase cycle guarantee per sector
■ 20-year data retention at 125°C
PERFORMANCE CHARACTERISTICS
■ High performance
— 90 ns access time
— 25 ns page read times
— 0.5 s typical sector erase time
— 15 µs typical effective write buffer word programming
time: 16-word/32-byte write buffer reduces overall
programming time for multiple-word/byte updates
— 4-word/8-byte page read buffer
— 16-word/32-byte write buffer
■ Low power consumption (typical values at 3.0 V, 5
MHz)
— 13 mA typical active read current
— 50 mA typical erase/program current
— 1 µA typical standby mode current
■ Package options
— 56-pin TSOP
— 64-ball Fortified BGA
SOFTWARE & HARDWARE FEATURES
■ Software features
— Program Suspend & Resume: read other sectors
before programming operation is completed
— Erase Suspend & Resume: read/program other
sectors before an erase operation is completed
— Data# polling & toggle bits provide status
— Unlock Bypass Program command reduces overall
multiple-word programming time
— CFI (Common Flash Interface) compliant: allows host
system to identify and accommodate multiple flash
devices
■ Hardware features
— Sector Group Protection: hardware-level method of
preventing write operations within a sector group
— Temporary Sector Unprotect: VID-level method of
changing code in locked sectors
— WP#/ACC input:
Write Protect input (WP#) protects first or last sector
regardless of sector protection settings
ACC (high voltage) accelerates programming time for
higher throughput during system production
— Hardware reset input (RESET#) resets device
— Ready/Busy# output (RY/BY#) indicates program or
erase cycle completion
This product has been retired and is not available for designs. For new and current designs, S29GL032A supersedes Am29LV320M H/L and is the factory-recommended migration path.
Please refer to the S29GL032A datasheet for specifications and ordering information. Availability of this document is retained for reference and historical purposes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com