Electronic Components Datasheet Search
  English  ▼

X  

AM29LV320ML101FF Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM29LV320ML101FF
Description  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320ML101FF Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM29LV320ML101FF Datasheet HTML 35Page - Advanced Micro Devices AM29LV320ML101FF Datasheet HTML 36Page - Advanced Micro Devices AM29LV320ML101FF Datasheet HTML 37Page - Advanced Micro Devices AM29LV320ML101FF Datasheet HTML 38Page - Advanced Micro Devices AM29LV320ML101FF Datasheet HTML 39Page - Advanced Micro Devices AM29LV320ML101FF Datasheet HTML 40Page - Advanced Micro Devices AM29LV320ML101FF Datasheet HTML 41Page - Advanced Micro Devices AM29LV320ML101FF Datasheet HTML 42Page - Advanced Micro Devices AM29LV320ML101FF Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
January 31, 2007 26517B4
Am29LV320MH/L
37
D A TA
SH EET
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . –65
°C to +150°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . –65
°C to +125°C
Voltage with Respect to Ground
V
CC (Note 1) . . . . . . . . . . . . . . . . . –0.5 V to +4.0 V
V
IO . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +4.0 V
A9, OE#, ACC, and RESET#
(Note 2) . . . . . . . . . . . . . . . . . . . . –0.5 V to +12.5 V
All other pins (Note 1) . . . . . . –0.5 V to V
CC +0.5 V
Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/O pins is –0.5 V.
Dur ing voltage transitions, input or I/O pins may
overshoot V
SS to –2.0 V for per iods of up to 20 ns.
Maximum DC voltage on input or I/O pins is VCC +0.5 V.
See Figure 10. During voltage transitions, input or I/O
pins may overshoot to V
CC +2.0 V for periods up to 20 ns.
See Figure 11.
2. Minimum DC input voltage on pins A9, OE#, ACC, and
RESET# is –0.5 V. During voltage transitions, A9, OE#,
ACC, and RESET# may overshoot V
SS to –2.0 V for
periods of up to 20 ns. See Figure 10. Maximum DC
input voltage on pin A9, OE#, ACC, and RESET# is
+12.5 V which may overshoot to +14.0 V for periods up
to 20 ns.
3. No more than one output may be shorted to ground at a
time. Duration of the short circuit should not be greater
than one second.
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This
is a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to absolute maximum rating
conditions for extended periods may affect device reliability.
OPERATING RANGES
Industrial (I) Devices
Ambient Temperature (T
A) . . . . . . . . . –40°C to +85°C
Supply Voltages
V
CC full voltage range . . . . . . . . . . . . . . . . . . 2.7–3.6 V
V
CC regulated voltage range . . . . . . . . . . . . 3.0–3.6 V
V
IO (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . 1.65–3.6 V
Notes:
1. Operating ranges define those limits between which the
functionality of the device is guaranteed.
2. See Ordering Information section for valid V
CC/VIO range
combinations. The I/Os will not operate at 3 V when V
IO =
1.8 V.
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
Figure 10.
Maximum Negative
Overshoot Waveform
20 ns
20 ns
V
CC
+2.0 V
VCC
+0.5 V
20 ns
2.0 V
Figure 11.
Maximum Positive
Overshoot Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com