Electronic Components Datasheet Search
  English  ▼

X  

AM29SL800DB100ED Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # AM29SL800DB100ED
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB100ED Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button AM29SL800DB100ED Datasheet HTML 38Page - Advanced Micro Devices AM29SL800DB100ED Datasheet HTML 39Page - Advanced Micro Devices AM29SL800DB100ED Datasheet HTML 40Page - Advanced Micro Devices AM29SL800DB100ED Datasheet HTML 41Page - Advanced Micro Devices AM29SL800DB100ED Datasheet HTML 42Page - Advanced Micro Devices AM29SL800DB100ED Datasheet HTML 43Page - Advanced Micro Devices AM29SL800DB100ED Datasheet HTML 44Page - Advanced Micro Devices AM29SL800DB100ED Datasheet HTML 45Page - Advanced Micro Devices AM29SL800DB100ED Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
D A TA
SH EE T
January 23, 2007 27546A6
Am29SL800D
43
PHYSICAL DIMENSIONS
VBK048—48 Ball Fine-Pitch Ball Grid Array (FBGA)
8.15 x 6.15 mm
3338 \ 16-038.25b
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JESD 95-1, SPP-010 (EXCEPT
AS NOTED).
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5. SYMBOL "MD" IS THE BALL ROW M
ATRIX SIZE IN THE
"D" DIRECTION.
SYMBOL "ME" IS THE BALL COLUM
N MATRIX SIZE IN THE
"E" DIRECTION.
N IS THE TOTAL NUMBER OF SOLDER BALLS.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT
TO DATUMS
A AND B AND DEFINE THE POSITION
OF THE CENTER
SOLDER BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN
THE OUTER ROW PARALLEL TO THE D OR
E DIMENSION,
RESPECTIVELY, SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN
THE OUTER ROW, SD OR SE = e/2
8.
NOT USED.
9.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
B
ALLS.
10
A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
PACKAGE
VBK 048
JEDEC
N/A
8.15 mm x 6.15 mm NOM
PACKAG E
SYMBOL
MIN
NOM
MAX
NOT E
A
---
---
1.00
OVERALL THICKNESS
A1
0.18
---
---
BALL HEIGHT
A2
0.62
---
0.76
BODY THICKNESS
D
8.15 BSC.
BODY SIZE
E
6.15 BSC.
BODY SIZE
D1
5.60 BSC.
BALL FOOTPRINT
E1
4.00 BSC.
BALL FOOTPRINT
MD
8
ROW MATRIX SIZE D DIRECTION
ME
6
ROW MATRIX SIZE E DIRECTION
N
48
TOTAL BALL COUNT
fb
0.35
---
0.43
BALL DIAMETER
e
0.80 BSC.
BALL PITCH
SD / SE
0.40 BSC.
SOLDER BALL PLACEMEN T
---
DEPOPULATED SOLDER BALLS
SIDE VIEW
TOP VIEW
SEATING PLAN E
A2
A
(4X)
0.10
10
D
E
C
0.10
A1
C
B
A
C
0.08
BOTTOM VIEW
A1 CORNER
B
A
M
f 0.15
C
M
7
7
6
e
SE
SD
6
5
4
3
2
A
B
C
D
E
F
G
1
H
fb
E1
D1
C
f 0.08
PIN A1
CORNER
INDEX MARK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com