Electronic Components Datasheet Search
  English  ▼

X  

MB2841 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MB2841
Description  Dual 10-bit bus interface latch 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2841 Datasheet(HTML) 5 Page - NXP Semiconductors

  MB2841 Datasheet HTML 1Page - NXP Semiconductors MB2841 Datasheet HTML 2Page - NXP Semiconductors MB2841 Datasheet HTML 3Page - NXP Semiconductors MB2841 Datasheet HTML 4Page - NXP Semiconductors MB2841 Datasheet HTML 5Page - NXP Semiconductors MB2841 Datasheet HTML 6Page - NXP Semiconductors MB2841 Datasheet HTML 7Page - NXP Semiconductors MB2841 Datasheet HTML 8Page - NXP Semiconductors MB2841 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2841
Dual 10-bit bus interface latch (3-State)
August 24, 1993
5
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to
+85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
ts(H)
ts(L)
Setup time, High or Low
nDx to nLE
3
2.0
1.5
0.8
0.4
2.0
1.5
ns
th(H)
th(L)
Hold time, High or Low
nDx to nLE
3
0.5
0.5
–0.3
–0.7
0.5
0.5
ns
tw(H)
nLE pulse width High
1
2.9
1.9
2.9
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
tw(H)
VM
VM
VM
VM
VM
tPHL
tPLH
nLE
nQx
VM
nDx
VM
VM
VM
VM
VM
nLE
ts(H)
th(H)
ts(L)
th(L)
nOE
VM
tPZH
tPHZ
0V
VOH –0.3V
nQx
nOE
tPZL
tPLZ
VOL +0.3V
nQx
VM
VM
VM
VM
VM
NOTE: The shaded areas indicate when the input is permitted to change for predictable output performance.
nDx INPUT
VM
VM
nQx OUTPUT
VM
VM
tPLH
tPHL
Waveform 1. Propagation Delay, Latch Enable Input to
Output, and Enable Pulse Width
Waveform 2. Propagation Delay for Data to Outputs
Waveform 3. Data Setup and Hold Times
Waveform 4. 3–State Output Enable Time to High Level
and Output Disable Time from High Level
Waveform 5. 3–State Output Enable Time to Low Level
and Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com