Electronic Components Datasheet Search
  English  ▼

X  

MB2841BB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MB2841BB
Description  Dual 10-bit bus interface latch 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2841BB Datasheet(HTML) 3 Page - NXP Semiconductors

  MB2841BB Datasheet HTML 1Page - NXP Semiconductors MB2841BB Datasheet HTML 2Page - NXP Semiconductors MB2841BB Datasheet HTML 3Page - NXP Semiconductors MB2841BB Datasheet HTML 4Page - NXP Semiconductors MB2841BB Datasheet HTML 5Page - NXP Semiconductors MB2841BB Datasheet HTML 6Page - NXP Semiconductors MB2841BB Datasheet HTML 7Page - NXP Semiconductors MB2841BB Datasheet HTML 8Page - NXP Semiconductors MB2841BB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2841
Dual 10-bit bus interface latch (3-State)
August 24, 1993
3
LOGIC DIAGRAM
L
Q
D
nD0
nQ0
nLE
nOE
L
Q
D
nD1
nQ1
L
Q
D
nD2
nQ2
L
Q
D
nD3
nQ3
L
Q
D
nD4
nQ4
L
Q
D
nD5
nQ5
L
Q
D
nD6
nQ6
L
Q
D
nD7
nQ7
L
Q
D
nD8
nQ8
L
Q
D
nD9
nQ9
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0
–18
mA
VI
DC input voltage3
–1.2 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
output in Off or High state
–0.5 to +5.5
V
IOUT
DC output current
output in Low state
128
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
Min
Max
VCC
DC supply voltage
4.5
5.5
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
2.0
V
VIL
Low-level Input voltage
0.8
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
64
mA
∆t/∆v
Input transition rise or fall rate
0
5
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com