Electronic Components Datasheet Search
  English  ▼

X  

MB2861 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MB2861
Description  Data 10-bit bus transceiver 3-State
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2861 Datasheet(HTML) 2 Page - NXP Semiconductors

  MB2861 Datasheet HTML 1Page - NXP Semiconductors MB2861 Datasheet HTML 2Page - NXP Semiconductors MB2861 Datasheet HTML 3Page - NXP Semiconductors MB2861 Datasheet HTML 4Page - NXP Semiconductors MB2861 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2861
Data 10-bit bus transceiver (3-State)
August 27, 1993
2
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
47, 20
1OEAB,
2OEAB
A side to B side output enable inputs (active-Low)
45, 44, 42, 41, 39,
38, 37, 36, 35, 34
33, 32, 31, 29, 28,
27, 25, 24, 23, 22
1A0-1A9,
2A02nA9
Data inputs/outputs (A side)
48, 49, 50, 51, 1,
2, 3, 5, 6, 7
8, 9, 10, 11, 12,
13, 15, 16, 18, 19
1B0-1B9,
2B02nB9
Data outputs/outputs (B side)
46, 21
1OEBA,
2OEBA
B side to A side output enable inputs (active-Low)
4, 17, 30, 43
GND
Ground (0V)
14, 26, 40, 52
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
1
45
48
44
49
42
50
41
51
39
1
38
2
37
3
36
5
47
46
35
6
34
7
EN1(BA)
EN2(AB)
2
1
33
8
32
9
31
10
29
11
28
12
27
13
25
15
24
16
20
21
23
18
22
19
EN1(BA)
EN2(AB)
2
FUNCTION TABLE
LOGIC DIAGRAM
INPUTS
OPERATING
nOEAB
nOEBA
MODE
L
H
A data to B bus
H
L
B data to A bus
H
H
Z
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High impedance “off” state
nAx
nBx
10
10
nOEAB
nOEBA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com