Electronic Components Datasheet Search
  English  ▼

X  

BAS16WS Datasheet(PDF) 1 Page - RFE international

Part # BAS16WS
Description  Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

BAS16WS Datasheet(HTML) 1 Page - RFE international

  BAS16WS Datasheet HTML 1Page - RFE international BAS16WS Datasheet HTML 2Page - RFE international BAS16WS Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VR
75V
IFAV 200mA
Extreme fast switches
Package: SOD-323
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: Cathode line denotes the cathode end
Marking: T4
PARAMETER
SYMBOL
UNIT
Conditions
VALUE
Repetitive peak reverse voltage
VRRM
V
75
Peak forward surge current
IFSM
A
tp=10 s
2
Average forward current
IFAV
mA
200
Power dissipation
Ptot
mW
350
Thermal Resistance
RthJA
/W
315
Maximum junction temperature
Tj
-55 ~ +150
Storage temperature range
Tstg
-55 ~ +150
PARAMETER
SYMBOL UNIT
Conditions
Min
Typ
Max
Maximum Forward voltage
VF
V
IF=1mA
0.715
VF
V
IF=10mA
0.855
VF
V
IF=50mA
1.0
VF
V
IF=150mA
1.25
Maximum Reverse current
IR
A
VR=75V
1.0
Minimum Breakdown voltage
VR
V
IR=100 A
100
Maximum Diode capacitance
CD
pF
VR=VF=0V, f =1MHZ
4
Maximum Reverse recovery time
trr
ns
IF=10mA,Irr=0.1IR,RL=100
6
Switching Diodes
BAS16WS
SOD-323
S-S1444
16-12-2021
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified


Similar Part No. - BAS16WS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS16WS WTE-BAS16WS Datasheet
40Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
General Semiconductor
BAS16WS GE-BAS16WS Datasheet
45Kb / 2P
SMALL SIGNAL DIODES
logo
TAITRON Components Inco...
BAS16WS TAITRON-BAS16WS Datasheet
173Kb / 4P
Three Terminals SMD Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAS16WS SEMTECH_ELEC-BAS16WS Datasheet
294Kb / 3P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
SynSemi, Inc.
BAS16WS SYNSEMI-BAS16WS Datasheet
38Kb / 2P
SMALL SIGNAL DIODE
More results

Similar Description - BAS16WS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com