Electronic Components Datasheet Search
  English  ▼

X  

FXPS7115D4S Datasheet(PDF) 55 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 51Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 52Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 53Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 54Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 55Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 56Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 57Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 58Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
11 Dynamic characteristics
VCC_min ≤ (VCC – VSS) ≤ VCC_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I2C
tSCL_100
tSCLK_400
tSCLK_1000
Clock (SCL) period
(30 % of VCC to 30 % of VCC)
100 kHz mode
400 kHz mode
1000 kHz mode
[1]
[1]
[1]
—
—
—
9.50
2.37
1.00
—
—
—
μs
μs
μs
tSCLH_100
tSCLH_400
tSCLH_1000
Clock (SCL) high time
(70 % of VCC to 70 % of VCC)
100 kHz mode
400 kHz mode
1000 kHz mode (not
compliant with UM10204,
rev.6)
[1]
[1]
[1]
—
—
—
4.00
0.60
0.50
—
—
—
μs
μs
μs
tSCLL_100
tSCLL_400
tSCLL_1000
Clock (SCL) low time
(30 % of VCC to 30 % of VCC)
100 kHz mode
400 kHz mode
1000 kHz mode
[1]
[1]
[1]
—
—
—
4.70
1.30
0.50
—
—
—
μs
μs
μs
tSRISE_100
tSRISE_400
tSRISE_1000
Clock (SCL) and data (SDA) risetime
(30 % of VCC to 70 % of VCC)
100 kHz mode
400 kHz mode
1000 kHz mode
[1]
[1]
[1]
—
—
—
—
—
—
1000
300
120
ns
ns
ns
tSFALL_100
tSFALL_400
tSFALL_1000
Clock (SCL) and data (SDA) fall time
(70 % of VCC to 30 % of VCC)
100 kHz mode
400 kHz mode
1000 kHz mode
[1]
[1]
[1]
—
—
—
—
—
—
300
300
120
ns
ns
ns
tSETUP_100
tSETUP_400
tSETUP_1000
Data input setup time
(SDA = 30/70 % of VCC to SCL = 30 %
of VCC)
100 kHz mode
400 kHz mode
1000 kHz mode
[1]
[1]
[1]
—
—
—
250
100
50
—
—
—
ns
ns
ns
tHOLD_100
tHOLD_400
tHOLD_1000
Data input hold time
(SCL = 70 % of VCC to SDA = 30/70 %
of VCC)
100 kHz mode
400 kHz mode
1000 kHz mode
[1]
[1]
[1]
—
—
—
0
0
0
900
900
300
ns
ns
ns
tSTARTSETUP_100
tSTARTSETUP_400
tSTARTSETUP_1000
Start condition setup time
(SDA = 30/70 % of VCC to SCL = 30 %
of VCC)
100 kHz mode
400 kHz mode
1000 kHz mode
[1]
[1]
[1]
—
—
—
4.70
0.60
0.26
—
—
—
μs
μs
μs
tSTARTHOLD_100
tSTARTHOLD_400
tSTARTHOLD_1000
Start condition hold time
(SCL = 70 % of VCC to SDA = 30/70 %
of VCC)
100 kHz mode
400 kHz mode
1000 kHz mode
[1]
[1]
[1]
—
—
—
4.00
0.60
0.26
—
—
—
μs
μs
μs
tSTOPSETUP_100
tSTOPSETUP_400
tSTOPSETUP_1000
Stop condition setup time
(SDA = 30/70 % of VCC to SCL = 30 %
of VCC)
100 kHz mode
400 kHz mode
1000 kHz mode
[1]
[1]
[1]
—
—
—
4.00
0.60
0.26
—
—
—
μs
μs
μs
tVALID_100
tVALID_400
tVALID_1000
SCLK low to data valid
(SCL = 30 % of VCC to SDA = 30/70 %
of VCC)
100 kHz mode
400 kHz mode
1000 kHz mode
[1]
[1]
[1]
—
—
—
—
—
—
3.45
0.90
0.45
μs
μs
μs
tFREE_100
tFREE_400
tFREE_1000
Bus free time
(SDA = 70 % of VCC to SDA = 70 % of
VCC)
100 kHz mode
400 kHz mode
1000 kHz mode
[1]
[1]
[1]
—
—
—
4.00
1.30
0.50
—
—
—
μs
μs
μs
CBUS
Bus capacitive load
[2] —
—
400
pF
SPI
tSCLK
Serial interface timing[3]
Clock (SCLK) period (10 %
of VCC to 10 % of VCC)
[1] —
90
—
ns
tSCLKH
Clock (SCLK) period (90 %
of VCC to 90 % of VCC)
[1] —
30
—
ns
tSCLKL
Serial interface timing[3]
Clock (SCLK) period (10 %
of VCC to 10 % of VCC)
[1] —
30
—
ns
tSCLKR
Clock (SCLK) period (10 %
of VCC to 90 % of VCC)
[1] —
10
25
ns
tSCLKF
Serial interface timing[3]
Clock (SCLK) period (90 %
of VCC to 10 % of VCC)
[1] —
10
25
ns
Table 105. Dynamic characteristics
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.4 — 3 November 2023
55 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com