Electronic Components Datasheet Search
  English  ▼

X  

S25VB10 Datasheet(PDF) 1 Page - RFE international

Part # S25VB10
Description  Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

S25VB10 Datasheet(HTML) 1 Page - RFE international

  S25VB10 Datasheet HTML 1Page - RFE international S25VB10 Datasheet HTML 2Page - RFE international S25VB10 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UL recognition file number E230084
High-Reliability
Heat Resistance
Low IR
Solder dip 275 °C max. 7 s, per JESD 22-B106
General purpose use in AC/DC bridge full wave rectification for
power supply, home appliances, office equipment, industrial
automation applications.
Package: S25VB
Molding compound meets UL 94 V-0 flammability
rating,RoHS- compliant
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
PARAMETER
SYMBOL UNIT
S25VB10 S25VB20 S25VB40 S25VB60 S25VB80 S25VB100 S25VB120
Device marking code
S25VB10
S25VB20 S25VB40 S25VB60 S25VB80 S25VB100 S25VB120
Repetitive Peak Reverse Voltage
VRRM
V
100
200
400
600
800
1000
1200
Average Rectified Output Current
@60Hz sine wave, R-load, With heatsink
Tc=85
IO
A
25
Surge(Non-repetitive)Forward Current
@60HZ Half- sine Wave, 1 cycle,
Ta=25
IFSM
A
400
Current Squared Time @1ms t<8.3ms
Tj=25 , Rating of per diode
I2t
A2S
660
Storage Temperature
Tstg
-55~+150
Junction Temperature
Tj
-55 ~+150
Dielectric Strength, Terminals to case
AC 1 minute
Vdis
KV
2.5
Mounting Torque
TOR
0
1
m
c·
g
k
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
S25VB10 S25VB20 S25VB40 S25VB60 S25VB80 S25VB100 S25VB120
Maximum instantaneous forward
voltage drop per diode
VFM
V
IFM=12.5A
1.05
Maximum DC reverse current at
rated DC blocking voltage per diode
IRRM
A VRM=VRRM
10
PARAMETER
SYMBOL
UNIT
S25VB10 S25VB20
S25VB40
S25VB60
S25VB80 S25VB100 S25VB120
Thermal
Resistance
Between junction and
case, With heatsink
R J-C
/W
1.5
~
+
-
~
+
~
~
Bridge Rectifiers
S25VB10 Through S25VB120
S25VB
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS
THERMAL CHARACTERISTICS
(Ta=25 Unless otherwise specified
(Ta=25 Unless otherwise specified
PREFERED
P/N
PACKAGE
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
S25VB10~S25VB120
A1
Approximate 20
50
50
500
Paper Box
PACKAGING INFORMATION
12-14-2022
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com


Similar Part No. - S25VB10

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S25VB10 LRC-S25VB10 Datasheet
80Kb / 1P
High Current Glass Passivated Single-Phase Bridge Rectifier
logo
Shindengen Electric Mfg...
S25VB10 SHINDENGEN-S25VB10 Datasheet
158Kb / 1P
SEMICONDUCTOR
logo
Yangzhou yangjie electr...
S25VB10 YANGJIE-S25VB10 Datasheet
91Kb / 2P
Bridge Rectifier
logo
Leshan Radio Company
S25VB10 LRC-S25VB10 Datasheet
223Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Kingtronics Internation...
S25VB10 KINGTRONICS-S25VB10 Datasheet
362Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 25 Ampere
More results

Similar Description - S25VB10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com