Electronic Components Datasheet Search
  English  ▼

X  

USB2224 Datasheet(PDF) 6 Page - SMSC Corporation

Part # USB2224
Description  Bus Powered USB2.0 Flash Media Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2224 Datasheet(HTML) 6 Page - SMSC Corporation

Back Button USB2224_06 Datasheet HTML 2Page - SMSC Corporation USB2224_06 Datasheet HTML 3Page - SMSC Corporation USB2224_06 Datasheet HTML 4Page - SMSC Corporation USB2224_06 Datasheet HTML 5Page - SMSC Corporation USB2224_06 Datasheet HTML 6Page - SMSC Corporation USB2224_06 Datasheet HTML 7Page - SMSC Corporation USB2224_06 Datasheet HTML 8Page - SMSC Corporation USB2224_06 Datasheet HTML 9Page - SMSC Corporation USB2224_06 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Bus Powered USB2.0 Flash Media Controller
Datasheet
Revision 1.3 (06-13-06)
Page 6
SMSC USB2224
DATASHEET
Chapter 3
Pin Table
3.1
128-Pin Package
Table 3.1 - Pinout
CompactFlash INTERFACE (28 Pins)
CF_D0
CF_D1
CF_D2
CF_D3
CF_D4
CF_D5
CF_D6
CF_D7
CF_D8
CF_D9
CF_D10
CF_D11
CF_D12
CF_D13
CF_D14
CF_D15
CF_nIOR
CF_nIOW
CF_IRQ
CF_nRESET
CF_IORDY
CF_nCS0
CF_nCS1
CF_SA0
CF_SA1
CF_SA2
CF_nCD1
CF_nCD2
SmartMedia / XD INTERFACE (17 Pins)
SM_D0
SM_D1
SM_D2
SM_D3
SM_D4
SM_D5
SM_D6
SM_D7
SM_ALE
SM_CLE
SM_nRE
SM_nWE
SM_nWP
SM_nB/R
SM_nCE
SM_nCD
SM_nWPS
Memory Stick INTERFACE (7 Pins)
MS_BS
MS_SDIO/MS_D0
MS_SCLK
MS_INS
MS_D1
MS_D2
MS_D3
SD INTERFACE (7 Pins)
SD_CMD
SD_CLK
SD_DAT0
SD_DAT1
SD_DAT2
SD_DAT3
SD_nWP
USB INTERFACE (13 Pins)
USB+
USB-
ATEST
RBIAS
VDDP
VSSP
(2)VDDA
(2)VSSA
VREG
XTAL1/CLKIN
XTAL2
MEMORY/IO INTERFACE (27 Pins)
MA0
MA1
MA2
MA3
MA4
MA5
MA6
MA7
MA8
MA9
MA10
MA11
MA12
MA13
MA14
MA15
MD0
MD1
MD2
MD3
MD4
MD5
MD6
MD7
nMRD
nMWR
nMCE
MISC (18 Pins)
nRESET
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
GPIO6/ROMEN
GPIO7
GPIO8
GPIO9
GPIO10
GPIO11
GPIO12
GPIO13
GPIO14
GPIO15
nTEST0
nTEST1
DIGITAL, POWER, GROUND & NC (11 Pins)
(3)VDDIO
(4)VSSIO
(2)VDDCORE
(2)VSSCORE
Total 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com