Electronic Components Datasheet Search
  English  ▼

X  

USB2601 Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB2601
Description  4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2601 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB2601_06 Datasheet HTML 5Page - SMSC Corporation USB2601_06 Datasheet HTML 6Page - SMSC Corporation USB2601_06 Datasheet HTML 7Page - SMSC Corporation USB2601_06 Datasheet HTML 8Page - SMSC Corporation USB2601_06 Datasheet HTML 9Page - SMSC Corporation USB2601_06 Datasheet HTML 10Page - SMSC Corporation USB2601_06 Datasheet HTML 11Page - SMSC Corporation USB2601_06 Datasheet HTML 12Page - SMSC Corporation USB2601_06 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
Datasheet
SMSC USB2601/USB2602
9
Revision 1.5 (07-24-06)
DATASHEET
Chapter 3 Pin Table
3.1
128-Pin Package
Table 3.1 USB2601/USB2602 128-Pin Package
UPSTREAM USB2.0 INTERFACE (3 PINS)
USBUP_DP
USBUP_DM
VBUS_DET
3-PORT USB2.0 INTERFACE (16 PINS)
USBDN_DP2
USBDN_DM2
USBDN_DP3
USBDN_DM3
USBDN_DP4
USBDN_DM4
PRTPWR2
PRTPWR3
PRTPWR4
OCS2_N
OCS3_N
OCS4_N
GR2_N
GR3_N
GR4_N
PRTPWR_POL
CompactFlashINTERFACE (28 Pins)
CF_D0
CF_D1
CF_D2
CF_D3
CF_D4
CF_D5
CF_D6
CF_D7
CF_D8
CF_D9
CF_D10
CF_D11
CF_D12
CF_D13
CF_D14
CF_D15
CF_nIOR
CF_nIOW
CF_IRQ
CF_nRESET
CF_IORDY
CF_nCS0
CF_nCS1
CF_SA0
CF_SA1
CF_SA2
CF_nCD1
CF_nCD2
SmartMedia INTERFACE (17 Pins)
SM_D0
SM_D1
SM_D2
SM_D3
SM_D4
SM_D5
SM_D6
SM_D7
SM_ALE
SM_CLE
SM_nRE
SM_nWE
SM_nWP
SM_nB/R
SM_nCE
SM_nCD
SM_nWPS
Memory Stick INTERFACE (7 Pins)
MS_BS
MS_SDIO/MS_D0
MS_SCLK
MS_INS
MS_D1
MS_D2
MS_D3
SD INTERFACE (7 Pins)
SD_CMD
SD_CLK
SD_DAT0
SD_DAT1
SD_DAT2
SD_DAT3
SD_nWP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com