Electronic Components Datasheet Search
  English  ▼

X  

USB3290-FH Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB3290-FH
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290-FH Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB3290-FH Datasheet HTML 12Page - SMSC Corporation USB3290-FH Datasheet HTML 13Page - SMSC Corporation USB3290-FH Datasheet HTML 14Page - SMSC Corporation USB3290-FH Datasheet HTML 15Page - SMSC Corporation USB3290-FH Datasheet HTML 16Page - SMSC Corporation USB3290-FH Datasheet HTML 17Page - SMSC Corporation USB3290-FH Datasheet HTML 18Page - SMSC Corporation USB3290-FH Datasheet HTML 19Page - SMSC Corporation USB3290-FH Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
Revision 1.2 (10-27-06)
16
SMSC USB3290
DATASHEET
Note 6.5
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40oC to 85oC; unless otherwise specified.
6.1
Driver Characteristics of Full-Speed Drivers in High-Speed
Capable Transceivers
The USB3290 uses a differential output driver to drive the USB data signal onto the USB cable.
Figure 6.1 Full-Speed Driver VOH/IOH Characteristics for High-speed Capable Transceiveron page 17
shows the V/I characteristics for a full-speed driver which is part of a high-speed capable transceiver.
The normalized V/I curve for the driver must fall entirely inside the shaded region. The V/I region is
bounded by the minimum driver impedance above (40.5 Ohm) and the maximum driver impedance
below (49.5 Ohm). The output voltage must be within 10mV of ground when no current is flowing in
or out of the pin.
Table 6.5 Dynamic Characteristics: Digital UTMI Pins (
Note 6.5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
UTMI Timing
DATA[7:0]
TPD
Output Delay. Measured
from PHY output to the
rising edge of CLKOUT
25
ns
RXVALID
RXACTIVE
RXERROR
LINESTATE[1:0]
TXREADY
DATA[7:0]
TSU
Setup Time. Measured
from PHY input to the
rising edge of CLKOUT.
5ns
TXVALID
OPMODE[1:0]
XCVRSELECT
TERMSELECT
DATA[7:0]
TH
Hold time. Measured from
the rising egde of
CLKOUT to the PHY input
signal edge.
0ns
TXVALID
OPMODE[1:0]
XCVRSELECT
TERMSELECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com