Electronic Components Datasheet Search
  English  ▼

X  

USB3300 Datasheet(PDF) 42 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 42 Page - SMSC Corporation

Back Button USB3300_06 Datasheet HTML 38Page - SMSC Corporation USB3300_06 Datasheet HTML 39Page - SMSC Corporation USB3300_06 Datasheet HTML 40Page - SMSC Corporation USB3300_06 Datasheet HTML 41Page - SMSC Corporation USB3300_06 Datasheet HTML 42Page - SMSC Corporation USB3300_06 Datasheet HTML 43Page - SMSC Corporation USB3300_06 Datasheet HTML 44Page - SMSC Corporation USB3300_06 Datasheet HTML 45Page - SMSC Corporation USB3300_06 Datasheet HTML 46Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
Revision 1.06 (07-19-06)
42
SMSC USB3300
DATASHEET
The OTG Module can be broken into 4 main blocks; ID Detection, VBUS Control, Driving External
Vbus, and External Vbus Detection. Each of these blocks is covered in the sections below.
6.5.1
ID Detection
The USB3300 provides an ID pin to determine the type of USB cable connected. When the Mini-A
Plug of a USB cable is inserted into the Mini-AB connector, the ID pin is shorted to ground. When the
Mini-B Plug is inserted into the Mini-AB connector, the ID pin is allowed to float.
.
The USB3300 provides an integrated pull-up resistor and a comparator to detect if the ID pin is floating
or grounded. An integrated pull-up resistor is provided to pull the ID pin high to VDD3.3 when a Mini-
B plug is inserted and the cable is floating. When a Mini-A plug is connected, the pull-up resistor will
Figure 6.10 USB3300 On-the-Go Module
Table 6.9 IdGnd vs. USB Cable Type
USB PLUG
OTG ROLE
ID VOLTAGE
IDGND
AHOST
0
0
B
PERIPHERAL
3.3
1
EXTVBUS
CPEN
OTG Module
VBUS
ID
VDD33
RXCMD VbusValid
IndicatorComplement
[UseExternalVbusindicator, IndicatorPassThru]
[0, X]
VbusValid
SessValid
SessEnd
IdPullup
DischrgVbus
DrvVbus
DrvVbusExternal
IdGnd
ChrgVbus
0.5V
1.4V
4.575V
0.6V
[1, 0]
[1, 1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com