Electronic Components Datasheet Search
  English  ▼

X  

LAN9115 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN9115
Description  Highly Efficient Single- Chip 10/100 Non-PCI Ethernet Controller
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9115 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN9115 Datasheet HTML 35Page - SMSC Corporation LAN9115 Datasheet HTML 36Page - SMSC Corporation LAN9115 Datasheet HTML 37Page - SMSC Corporation LAN9115 Datasheet HTML 38Page - SMSC Corporation LAN9115 Datasheet HTML 39Page - SMSC Corporation LAN9115 Datasheet HTML 40Page - SMSC Corporation LAN9115 Datasheet HTML 41Page - SMSC Corporation LAN9115 Datasheet HTML 42Page - SMSC Corporation LAN9115 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 131 page
background image
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
Datasheet
SMSC LAN9115
39
Revision 1.1 (05-17-05)
DATASHEET
Note 3.7
The host must do only read accesses prior to the ready bit being set.
Once the READY bit is set, the LAN9115 is ready to resume normal operation. At this time the WUPS
field can be cleared.
3.10.2.2
D2 Sleep
In this state, as shown in Table 3.9, all clocks to the MAC and host bus are disabled, and the PHY is
placed in a reduced power state. To enter this state, the EDPWRDOWN bit in register 17 of the PHY
(Mode Control/Status register) must be set. This places the PHY in the Energy Detect mode. The
PM_MODE bits in the PMT_CTRL register must then be set to 10b. Upon setting the PM_MODE bits,
the LAN9115 will enter the D2 sleep state. The READY bit in PMT_CTRL is cleared when entering the
D2 state.
Note 3.8
If carrier is present when this state is entered detection will occur immediately.
If properly enabled via the ED_EN and PME_EN bits, LAN9115 will assert the PME hardware signal
upon detection of a valid carrier. Upon detection, the WUPS field in PMT_CTRL will be set to a 01b.
Note 3.9
The PME interrupt status bit on the INT_STS register (PME_INT) is set regardless of the
setting of PME_EN.
A write to the BYTE_TEST register, regardless of whether a carrier was detected, will return LAN9115
to the D0 state and will reset the PM_MODE field to the D0 state. As noted above, the host is required
to check the READY bit and verify that it is set before attempting any other reads or writes of the
device. Before LAN9115 is fully awake from this state the EDPWRDOWN bit in register 17 of the PHY
must be cleared in order to wake the PHY. Do not attempt to clear the EDPWRDOWN bit until the
READY bit is set. After clearing the EDPWRDOWN bit the LAN9115 is ready to resume normal
operation. At this time the WUPS field can be cleared.
Table 3.9 Power Management States
LAN9115
BLOCK
D0
(NORMAL OPERATION)
D1
(WOL)
D2
(ENERGY DETECT)
PHY
Full ON
Full ON
Energy Detect Power-Down
MAC Power
Management
Full ON
RX Power Mgmt. Block
On
OFF
MAC and Host
Interface
Full ON
OFF
OFF
Internal Clock
Full ON
Full ON
OFF
KEY
CLOCK ON
BLOCK DISABLED – CLOCK ON
FULL OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com